Electronic Components Datasheet Search
  English  ▼

X  

L6393N Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6393N
Description  Half-bridge gate driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6393N Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6393N Datasheet HTML 6Page - STMicroelectronics L6393N Datasheet HTML 7Page - STMicroelectronics L6393N Datasheet HTML 8Page - STMicroelectronics L6393N Datasheet HTML 9Page - STMicroelectronics L6393N Datasheet HTML 10Page - STMicroelectronics L6393N Datasheet HTML 11Page - STMicroelectronics L6393N Datasheet HTML 12Page - STMicroelectronics L6393N Datasheet HTML 13Page - STMicroelectronics L6393N Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
L6393
10/19
Doc ID 14497 Rev 4
5.2
DC operation
VCC = 15 V; TJ = +25 °C
Table 8.
DC operation electrical characteristics
Symbol
Pin
Parameter
Test condition
Min
Typ
Max Unit
Low supply voltage section
Vcc_hys
4
Vcc UV hysteresis
1.2
1.5
1.8
V
Vcc_thON
Vcc UV turn ON threshold
9
9.5
10
V
Vcc_thOFF
Vcc UV turn OFF threshold
7.6
8
8.4
Iqccu
Undervoltage quiescent supply current
VCC = 7 V; SD = 5 V;
PHASE and
BRAKE = GND;
RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
110
150
µA
Iqcc
Quiescent current
VCC = 15 V; SD = 5 V;
PHASE and
BRAKE = GND;
RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
600
1000
Bootstrapped supply voltage section (1)
VBO_hys
14
VBO UV hysteresis
0.8
1.0
1.2
V
VBO_thON
VBO UV turn ON threshold
8.2
9
9.8
V
VBO_thOFF
VBO UV turn OFF Threshold
7.3
8
8.7
V
IQBOU
Undervoltage VBOOT quiescent current
VBO = 7 V SD = 5 V;
PHASE and
BRAKE = 5 V; RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
40
100
µA
IQBO
VBOOT quiescent current
VBO = 15 V SD = 5 V;
PHASE and
BRAKE = 5 V; RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
140
210
ILK
High voltage leakage current
Vhvg = Vout = Vboot =
600 V
10
R
DSon
Bootstrap driver on resistance (2)
LVG ON
120
Ω
Driving buffers section
Iso
10,
13
High/low side source short circuit
current
VIN = Vih (tp < 10 µs)
200
290
mA
Isi
High/low side sink short circuit current
VIN = Vil (tp < 10 µs)
250
430
mA
Logic inputs
Vil
1,
2, 3
Low logic level voltage
0.8
V
Vih
High logic level voltage
2.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com