Electronic Components Datasheet Search
  English  ▼

X  

L6393N Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6393N
Description  Half-bridge gate driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6393N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6393N Datasheet HTML 5Page - STMicroelectronics L6393N Datasheet HTML 6Page - STMicroelectronics L6393N Datasheet HTML 7Page - STMicroelectronics L6393N Datasheet HTML 8Page - STMicroelectronics L6393N Datasheet HTML 9Page - STMicroelectronics L6393N Datasheet HTML 10Page - STMicroelectronics L6393N Datasheet HTML 11Page - STMicroelectronics L6393N Datasheet HTML 12Page - STMicroelectronics L6393N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
L6393
Electrical characteristics
Doc ID 14497 Rev 4
9/19
Figure 3.
Timing
Figure 4.
Typical dead time vs. DT resistor value
LVG
LVG/HVG
HVG
50%
10%
90%
50%
tr
tf
ton
toff
90%
10%
SD
90%
50%
tf
tsd
10%
50%
10%
90%
50%
tr
tf
ton
toff
90%
10%
PHASE
BRAKE
IN
PHASE
BRAKE
IN
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
250
300
Rdt (kOhm)
Approximated formula for
Rdt calculation (typ.):
Rdt[kΩ] = 92.2 · DT[μs] - 16.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com