Electronic Components Datasheet Search
  English  ▼

X  

L9953LXP Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9953LXP
Description  Door actuator driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9953LXP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9953LXP Datasheet HTML 3Page - STMicroelectronics L9953LXP Datasheet HTML 4Page - STMicroelectronics L9953LXP Datasheet HTML 5Page - STMicroelectronics L9953LXP Datasheet HTML 6Page - STMicroelectronics L9953LXP Datasheet HTML 7Page - STMicroelectronics L9953LXP Datasheet HTML 8Page - STMicroelectronics L9953LXP Datasheet HTML 9Page - STMicroelectronics L9953LXP Datasheet HTML 10Page - STMicroelectronics L9953LXP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
L9953LXP
Block diagram and pin description
Doc ID 16185 Rev 3
7/35
3
4
5
OUT1
OUT2
OUT3
Half-bridge-output 1,2,3
The output is built by a highside and a lowside switch, which are
internally connected. The output stage of both switches is a power
DMOS transistor. Each driver has an internal parasitic reverse diode
(bulk-drain-diode: highside driver from output to VS, lowside driver
from GND to output). This output is over-current and open-load
protected.
6, 7, 14, 15,
23, 25, 28, 32
VS
Power supply voltage (external reverse protection required)
For this input a ceramic capacitor as close as possible to GND is
recommended.
Important: for the capability of driving the full current at the outputs all
pins of VS must be externally connected.
8DI
Serial data input
The input requires CMOS logic levels and receives serial data from the
microcontroller. The data is an 24bit control word and the least
significant bit (LSB, bit 0) is transferred first.
9
CM/PWM2
Current monitor output/PWM2 input
Depending on the selected multiplexer bits of input data register this
output sources an image of the instant current through the
corresponding highside driver with a ratio of 1/10.000. This pin is
bidirectional. The microcontroller can overdrive the current monitor
signal to provide a second PWM input for the output OUT7.
10
CSN
Chip select not input / test mode
This input is low active and requires CMOS logic levels. The serial data
transfer between L9953LXP and micro controller is enabled by pulling
the input CSN to low level. If an input voltage of more than 7.5V is
applied to CSN pin the L9953LXP will be switched into a test mode.
11
DO
Serial data output
The diagnosis data is available via the SPI and this 3-state output. The
output will remain in 3-state, if the chip is not selected by the input CSN
(CSN = high)
12
VCC
Logic supply voltage
For this input a ceramic capacitor as close as possible to GND is
recommended.
13
CLK
Serial clock input
This input controls the internal shift register of the SPI and requires
CMOS logic levels.
16, 17, 20, 21
OUT4
OUT5
Half-bridge-output 4,5:
→ see OUT1 (pin 3).
Important: for the capability of driving the full current at the outputs both
pins of OUT4 (OUT5, respectively) must be externally connected.
26
CP
Charge pump output
This output is provided to drive the gate of an external n-channel
PowerMOS used for reverse polarity protection
27
PWM1
PWM1 input:
This input signal can be used to control the drivers OUT1-OUT6 and
OUT8 by an external PWM signal.
Table 2.
Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com