Electronic Components Datasheet Search
  English  ▼

X  

L9953LXP Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9953LXP
Description  Door actuator driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9953LXP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9953LXP Datasheet HTML 6Page - STMicroelectronics L9953LXP Datasheet HTML 7Page - STMicroelectronics L9953LXP Datasheet HTML 8Page - STMicroelectronics L9953LXP Datasheet HTML 9Page - STMicroelectronics L9953LXP Datasheet HTML 10Page - STMicroelectronics L9953LXP Datasheet HTML 11Page - STMicroelectronics L9953LXP Datasheet HTML 12Page - STMicroelectronics L9953LXP Datasheet HTML 13Page - STMicroelectronics L9953LXP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Electrical specifications
L9953LXP
10/35
Doc ID 16185 Rev 3
2.4
Electrical characteristics
VS = 8 to 16V, VCC = 4.5 to 5.3V, Tj = - 40 to 150°C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
Table 6.
Temperature warning and thermal shutdown
Symbol
Parameter
Min.
Typ.
Max.
Unit
TjTW On
Temperature warning threshold junction
temperature
Tj
130
150
°C
TjSD On
Thermal shutdown threshold junction
temperature
Tj
increasing
170
°C
TjSD Off
Thermal shutdown threshold junction
temperature
Tj
decreasing
150
°C
TjSD Hys Thermal shutdown hysteresis
5
°K
Table 7.
Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Operating supply voltage
range
728
V
IS
VS DC supply current
VS = 16V, VCC = 5.3V
active mode
OUT1 - OUT8 floating
720
mA
VS quiescent supply current
VS = 16V, VCC = 0V
standby mode
OUT1 - OUT8 floating
Ttest = -40°C, 25°C
412
µA
Ttest = 85°C
(1)
1.
Guaranteed by design.
625
µA
ICC
VCC DC supply current
VS = 16V, VCC = 5.3V
CSN = VCC , active mode
13
mA
VCC quiescent supply
current
VS = 16V, VCC = 5.3V
CSN = VCC standby mode
OUT1 - OUT8 floating
25
50
µA
IS + ICC
Sum quiescent supply
current
VS = 16V, VCC = 5.3V
CSN = VCC
standby mode
OUT1 - OUT8 floating
Ttest = 130°C
50
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com