Electronic Components Datasheet Search
  English  ▼

X  

LMK04800 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMK04800
Description  Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMK04800 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LMK04800 Datasheet HTML 17Page - National Semiconductor (TI) LMK04800 Datasheet HTML 18Page - National Semiconductor (TI) LMK04800 Datasheet HTML 19Page - National Semiconductor (TI) LMK04800 Datasheet HTML 20Page - National Semiconductor (TI) LMK04800 Datasheet HTML 21Page - National Semiconductor (TI) LMK04800 Datasheet HTML 22Page - National Semiconductor (TI) LMK04800 Datasheet HTML 23Page - National Semiconductor (TI) LMK04800 Datasheet HTML 24Page - National Semiconductor (TI) LMK04800 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
L M K 0 4 8 X X
E V A L U A T I O N
B O A R D
O P E R A T I N G
I N S T R U C T I O N S
21
Recommended Test Equipment
Power Supply
The Power Supply should be a low noise power supply, particularly when the devices on the
board are being directly powered (onboard LDO regulators bypassed).
Phase Noise / Spectrum Analyzer
To measure phase noise and RMS jitter, an Agilent E5052 Signal Source Analyzer is
recommended. An Agilent E4445A PSA Spectrum Analyzer with the Phase Noise option is also
usable although the architecture of the E5052 is superior for phase noise measurements. At
frequencies less than 100 MHz the local oscillator noise of the E4445A is too high and
measurements will reflect the E4445A‟s internal local oscillator performance, not the device
under test.
Oscilloscope
To measure the output clocks for AC performance, such as rise time or fall time, propagation
delay, or skew, it is suggested to use a real-time oscilloscope with at least 1 GHz analog input
bandwidth (2.5+ GHz recommended) with 50 ohm inputs and 10+ Gsps sample rate. To
evaluate clock synchronization or phase alignment between multiple clock outputs, it‟s
recommended to use phase-matched, 50-ohm cables to minimize external sources of skew or
other errors/distortion that may be introduced if using oscilloscope probes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com