Electronic Components Datasheet Search
  English  ▼

X  

LMK04800 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMK04800
Description  Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMK04800 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LMK04800 Datasheet HTML 35Page - National Semiconductor (TI) LMK04800 Datasheet HTML 36Page - National Semiconductor (TI) LMK04800 Datasheet HTML 37Page - National Semiconductor (TI) LMK04800 Datasheet HTML 38Page - National Semiconductor (TI) LMK04800 Datasheet HTML 39Page - National Semiconductor (TI) LMK04800 Datasheet HTML 40Page - National Semiconductor (TI) LMK04800 Datasheet HTML 41Page - National Semiconductor (TI) LMK04800 Datasheet HTML 42Page - National Semiconductor (TI) LMK04800 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
L M K 0 4 8 X X
E V A L U A T I O N
B O A R D
O P E R A T I N G
I N S T R U C T I O N S
39
VCXO Phase Noise
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
10
100
1000
10000
100000
1000000 10000000
1E+08
Offset (Hz)
CVHD-950-122.88
Figure 15: Crystek CVHD-950-122.88 MHz VCXO Phase Noise at 122.88 MHz
Table 12: VCXO Phase Noise
at 122.88 MHz (dBc/Hz)
Offset
Phase
Noise
10 Hz
-76.6
100 Hz
-108.9
1 kHz
-137.4
10 kHz
-153.3
100 kHz
-162.0
1 MHz
-165.7
10 MHz
-168.1
40 MHz
-168.1
Table 13: VCXO RMS Jitter
to high offset of 20 MHz
at 122.88 MHz (rms fs)
Low
Offset
Jitter
10 Hz
515.4
100 Hz
60.5
1 kHz
36.2
10 kHz
35.0
100 kHz
34.5
1 MHz
32.9
10 MHz
22.7
Clock Output Measurement Technique
The same technique was used to measure phase noise for all three output types available on the
programmable OSCout and CLKout buffers. This was achieved by terminating one side of the
LVPECL, LVDS, or LVCMOS output with a 50-ohm load, and measuring the other side single-
ended using an Agilent E5052B Source Signal Analyzer.
Buffered OSCout Phase Noise
Both OSCout0 and OSCout1 frequencies are 122.88 MHz since the OSCout Divider is bypassed.
OSCout0 is programmed to LVCMOS mode and OSCout1 is fixed as LVPECL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com