Electronic Components Datasheet Search
  English  ▼

X  

LMK04800 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMK04800
Description  Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMK04800 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMK04800 Datasheet HTML 9Page - National Semiconductor (TI) LMK04800 Datasheet HTML 10Page - National Semiconductor (TI) LMK04800 Datasheet HTML 11Page - National Semiconductor (TI) LMK04800 Datasheet HTML 12Page - National Semiconductor (TI) LMK04800 Datasheet HTML 13Page - National Semiconductor (TI) LMK04800 Datasheet HTML 14Page - National Semiconductor (TI) LMK04800 Datasheet HTML 15Page - National Semiconductor (TI) LMK04800 Datasheet HTML 16Page - National Semiconductor (TI) LMK04800 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
L M K 0 4 8 X X
E V A L U A T I O N
B O A R D
O P E R A T I N G
I N S T R U C T I O N S
13
Evaluation Board Inputs and Outputs
The following table contains descriptions of the inputs and outputs for the evaluation board.
Unless otherwise noted, the connectors described can be assumed to be populated by default.
Additionally, some applicable CodeLoader programming controls are noted for convenience.
Refer to the LMK04800 Family Datasheet for complete register programming information.
Table 6: Evaluation Board Inputs and Outputs
Connector Name
Signal Type,
Input/Output
Description
Populated:
CLKout0, CLKout0*,
CLKout2, CLKout2*,
CLKout4, CLKout4*,
CLKout6, CLKout6*,
CLKout8, CLKout8*,
CLKout10, CLKout10*
Not Populated:
CLKout1, CLKout1*,
CLKout3, CLKout3*,
CLKout5, CLKout5*,
CLKout7, CLKout7*,
CLKout9, CLKout9*,
CLKout11, CLKout11*
Analog,
Output
Clock outputs with programmable output buffers.
The output terminations by default on the evaluation
board are shown below, and the output type selected by
default in CodeLoader is indicated by an asterisk (*):
Clock output pair
Default Board
Termination
CLKout0
LVPECL*
CLKout1
LVPECL
CLKout2
LVPECL*
CLKout3
LVPECL
CLKout4
LVDS* / LVCMOS
CLKout5
LVDS / LVCMOS
CLKout6
LVDS* / LVCMOS
CLKout7
LVDS / LVCMOS
CLKout8
LVDS* / LVCMOS
CLKout9
LVDS / LVCMOS
CLKout10
LVPECL*
CLKout11
LVPECL
Each CLKout pair has a programmable LVDS,
LVPECL, or LVCMOS buffer. The output buffer type
can be selected in CodeLoader in the Clock Outputs
tab via the CLKoutX_TYPE control.
All clock outputs are AC-coupled to allow safe testing
with RF test equipment.
All LVPECL clock outputs are source-terminated using
240-ohm resistors.
If an output pair is programmed to LVCMOS, each
output can be independently configured (normal,
inverted, or off/tri-state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com