Electronic Components Datasheet Search
  English  ▼

X  

TPD2S017 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S017
Description  2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017 Datasheet(HTML) 3 Page - Texas Instruments

  TPD2S017 Datasheet HTML 1Page - Texas Instruments TPD2S017 Datasheet HTML 2Page - Texas Instruments TPD2S017 Datasheet HTML 3Page - Texas Instruments TPD2S017 Datasheet HTML 4Page - Texas Instruments TPD2S017 Datasheet HTML 5Page - Texas Instruments TPD2S017 Datasheet HTML 6Page - Texas Instruments TPD2S017 Datasheet HTML 7Page - Texas Instruments TPD2S017 Datasheet HTML 8Page - Texas Instruments TPD2S017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DISSIPATION RATINGS
ELECTRICAL CHARACTERISTICS
TYPICAL CHARACTERISTICS
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1.000E+06
1.000E+07
1.000E+08
1.000E+09
1.000E+10
Frequency (Hz)
I/O to I/O
TPD2S017
www.ti.com .......................................................................................................................................................................................... SLLS949 – SEPTEMBER 2009
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
PACKAGE
POWER RATING
ABOVE TA ≤ 25°C
POWER RATING
DBV
463.18 mW
-4.63 mW/C
254.75 mW
(1)
Derating factor is defined as the inverse of the traditional junction-to-ambient thermal resistance (RθJA).
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
Series resistor
1
Ω
IIO
Current from I/O pins
VIO = 3 V
0.01
0.1
µA
Channel-to-channel resistance
ΔRS
VIO = 3 V
±8
±15
m
Ω
match
Diode forward voltage for lower
VD
ID = 8 mA
–0.6
–0.8
–0.95
V
clamp
RDYN
Dynamic resistance (for I/O clamp)
I = 9A
0.8
Ω
CIO
IO capacitance
VIO = 2.5 V
1
pF
VBR
Break-down voltage
IO = 1 mA
11
12
V
Figure 1. Insertion Loss Data (S21)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD2S017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com