Electronic Components Datasheet Search
  English  ▼

X  

TPD2S017 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S017
Description  2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017 Datasheet(HTML) 1 Page - Texas Instruments

  TPD2S017 Datasheet HTML 1Page - Texas Instruments TPD2S017 Datasheet HTML 2Page - Texas Instruments TPD2S017 Datasheet HTML 3Page - Texas Instruments TPD2S017 Datasheet HTML 4Page - Texas Instruments TPD2S017 Datasheet HTML 5Page - Texas Instruments TPD2S017 Datasheet HTML 6Page - Texas Instruments TPD2S017 Datasheet HTML 7Page - Texas Instruments TPD2S017 Datasheet HTML 8Page - Texas Instruments TPD2S017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FEATURES
APPLICATIONS
1
6
Ch2_Out
2
5
V
CC
3
Ch1_Out
GND
Ch1_In
4
Ch2_In
DESCRIPTION/ORDERING INFORMATION
TPD2S017
www.ti.com .......................................................................................................................................................................................... SLLS949 – SEPTEMBER 2009
2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION
WITH SERIES-RESISTOR ISOLATION
• Hi-Speed USB
• Ultra-Low Clamp Voltage Ensures the
Protection of Ultra-Low Voltage Core Chipset
• IEEE 1394 Interface
During ESD Events
• Low-Voltage Differential Signaling (LVDS)
• Exceeds ESD Protection to IEC61000-4-2
• Mobile Display Digital Interface (MDDI)/Mobile
Industry Processor Interface (MIPI)
(Level 4)
• HS Signal
• Matching of Series Resistor (R =1 Ω) of ±8 mΩ
(Typical)
DBV PACKAGE
• Differential Channel Input Capacitance
(TOP VIEW)
Matching of 0.02 pF (Typical)
• High-Speed Data Rate and EMI Filter Action at
High Frequencies (–3 dB Bandwidth,
≈3 GHz)
• Available in 6-Pin Small-Outline Transistor
[SOT (DBV)] Package
• Flow-Through Single-In-Line Pin Mapping for
the High-Speed Lines Ensures no Additional
Board Layout Burden While Placing the ESD
Protection Chip Near the Connector
The TPD2S017 provides a robust system-level ESD solution for the high-speed lines interfacing low-voltage,
ESD-sensitive core chipset. This device offers two stage ESD clamps in each line with
≈1-Ω series resistor
isolation. This architecture allows the device to generate very low clamp voltage during system level ESD strikes.
Due to the series resistor component, the TPD2S017 provides a controlled filter roll-off for even greater spurious
EMI suppression and signal integrity. This device offers a flow-through pin mapping for ease of board layout. The
monolithic silicon technology allows matching component values, including clamp capacitance, series resistor
matching, etc., between the differential signal pairs. Tight matching of the line capacitance and series resistors
ensure that the differential signal distortion due to added ESD clamp remains minimal, and also allow the part to
operate at high-speed differential data rate (in excess of 1.5 Gbps).
The TPD2S017 confirms the IEC61000-4-2 (Level 4) ESD protection and ±15 kV HBM ESD protection. This
device is offered in space saving DBV packages.
The TPD2S017 is characterized for operation over ambient air temperature of –40°C to 85°C.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
SOT (SOT-23) – DBV
Reel of 3000
TPD2S017DBVR
NFTF
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD2S017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S017 TI-TPD2S017 Datasheet
424Kb / 10P
2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017DBVR TI-TPD2S017DBVR Datasheet
424Kb / 10P
2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017DBVR TI1-TPD2S017DBVR Datasheet
929Kb / 16P
2-Channel Ultra-Low Clamp Voltage ESD Solution
TPD2S017 TI1-TPD2S017_15 Datasheet
929Kb / 16P
2-Channel Ultra-Low Clamp Voltage ESD Solution
More results

Similar Description - TPD2S017

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4589 MAXIM-MAX4589 Datasheet
309Kb / 20P
Low-Voltage, High-Isolation, Dual 2-Channel RF/Video Multiplexer
Rev 0; 1/99
MAX4885E MAXIM-MAX4885E Datasheet
109Kb / 10P
Ultra-Low Capacitance 1:2 VGA Switch with ±15kV ESD
Rev 0; 10/08
logo
Texas Instruments
TPD2S017 TI-TPD2S017 Datasheet
424Kb / 10P
2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
logo
Unisonic Technologies
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
4-CHANNEL ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
7-CHANNEL INTEGRATED ESD SOLUTION
logo
ON Semiconductor
ESD4238 ONSEMI-ESD4238 Datasheet
206Kb / 8P
ESD Clamp Array with ESD Protection
January, 2014 ??Rev. 1
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
13-Channel ESD Protection Solution
TPD2S017 TI1-TPD2S017_15 Datasheet
929Kb / 16P
2-Channel Ultra-Low Clamp Voltage ESD Solution
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
7-CHANNEL INTEGRATED ESD SOLUTION
logo
FutureWafer Tech Co.,Lt...
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
2 Channel Ultra low capacitance ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com