Electronic Components Datasheet Search
  English  ▼

X  

TPD2S017 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S017
Description  2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017 Datasheet(HTML) 4 Page - Texas Instruments

  TPD2S017 Datasheet HTML 1Page - Texas Instruments TPD2S017 Datasheet HTML 2Page - Texas Instruments TPD2S017 Datasheet HTML 3Page - Texas Instruments TPD2S017 Datasheet HTML 4Page - Texas Instruments TPD2S017 Datasheet HTML 5Page - Texas Instruments TPD2S017 Datasheet HTML 6Page - Texas Instruments TPD2S017 Datasheet HTML 7Page - Texas Instruments TPD2S017 Datasheet HTML 8Page - Texas Instruments TPD2S017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
0.0
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
0
5
10
15
20
25
30
35
40
45
50
Time (us)
0
13
26
39
52
65
78
91
104
117
130
Current (A)
Power (W)
0.0
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
0
5
10
15
20
25
30
35
40
45
50
Time (us)
0
13
26
39
52
65
78
91
104
117
130
Current (A)
Power (W)
TPD2S017
SLLS949 – SEPTEMBER 2009 .......................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 2. Peak Pulse Waveforms
Ch1_Out, PUT wrt GND, VCC = 5.0 V
Figure 3. Peak Pulse Waveforms
Ch2_In, PUT wrt GND, VCC = 5.0 V
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPD2S017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com