Electronic Components Datasheet Search
  English  ▼

X  

DRV8301 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8301
Description  Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8301 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8301 Datasheet HTML 17Page - Texas Instruments DRV8301 Datasheet HTML 18Page - Texas Instruments DRV8301 Datasheet HTML 19Page - Texas Instruments DRV8301 Datasheet HTML 20Page - Texas Instruments DRV8301 Datasheet HTML 21Page - Texas Instruments DRV8301 Datasheet HTML 22Page - Texas Instruments DRV8301 Datasheet HTML 23Page - Texas Instruments DRV8301 Datasheet HTML 24Page - Texas Instruments DRV8301 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DRV8301
www.ti.com
SLOS719B – AUGUST 2011 – REVISED AUGUST 2013
Over Current Adjustment
When external MOSFET is turned on, the output current flows the MOSFET, which creates a voltage drop VDS.
The overcurrent protection event will be enabled when the VDS exceeds a pre-set value IOC. The OC tripped
value can be programmed through SPI command. Assuming the on resistance of MOSFET is RDS(on), the Vds
can be calculated as:
VDS = IOC × RDS(on)
VDS is measured across the SL_x and SH_x pins for the low-side MOSFET. For the high-side MOSFET, VDS is
measured across PVDD1 (internally) and SH_x. Therefore, it is important to limit the ripple on the PVDD1 supply
for accurate high-side current sensing.
It is also important to note that there can be up to a 20% tolerance across channels for the OC trip point. This is
meant for protection and not to be used for regulating current in a motor phase.
Table 9. OC_ADJ_SET Table
Control Bit (D6–D10) (0xH)
0
1
2
3
4
5
6
7
Vds (V)
0.060
0.068
0.076
0.086
0.097
0.109
0.123
0.138
Control Bit (D6–D10) (0xH)
8
9
10
11
12
13
14
15
Vds (V)
0.155
0.175
0.197
0.222
0.250
0.282
0.317
0.358
Control Bit (D6–D10) (0xH)
16
17
18
19
20
21
22
23
Vds (V)
0.403
0.454
0.511
0.576
0.648
0.730
0.822
0.926
Code Number (0xH)
24
25
26
27
28
29
30
31
Vds (V)
1.043
1.175
1.324
1.491
1.679(1)
1.892(1)
2.131(1)
2.400(1)
(1)
Do not use settings 28, 29, 30, 31 for VDS sensing if the IC is expected to operate in the 6V – 8V range.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DRV8301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com