Electronic Components Datasheet Search
  English  ▼

X  

DRV8301 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8301
Description  Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8301 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8301 Datasheet HTML 4Page - Texas Instruments DRV8301 Datasheet HTML 5Page - Texas Instruments DRV8301 Datasheet HTML 6Page - Texas Instruments DRV8301 Datasheet HTML 7Page - Texas Instruments DRV8301 Datasheet HTML 8Page - Texas Instruments DRV8301 Datasheet HTML 9Page - Texas Instruments DRV8301 Datasheet HTML 10Page - Texas Instruments DRV8301 Datasheet HTML 11Page - Texas Instruments DRV8301 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
DRV8301
SLOS719B – AUGUST 2011 – REVISED AUGUST 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
PVDD = 6 V to 60 V, TC = 25°C, unless specified under test condition
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GATE DRIVE OUTPUT: GH_A, GH_B, GH_C, GL_A, GL_B, GL_C
PVDD = 8V–60V, Igate = 30mA,
9.5
11.5
CCP = 22nF
VGX_NORM
Gate driver Vgs voltage
V
PVDD = 8V–60V, Igate = 30mA,
9.5
11.5
CCP = 220nF
PVDD = 6V–8V, Igate = 15mA,
8.8
CCP = 22nF
VGX_MIN
Gate driver Vgs voltage
V
PVDD = 6V–8V, Igate = 30mA,
8.3
CCP = 220nF
Ioso1
Maximum source current setting 1, peak
Vgs of FET equals to 2 V. REG 0x02
1.7
A
Iosi1
Maximum sink current setting 1, peak
Vgs of FET equals to 8 V. REG 0x02
2.3
A
Ioso2
Source current setting 2, peak
Vgs of FET equals to 2 V. REG 0x02
0.7
A
Iosi2
Sink current setting 2, peak
Vgs of FET equals to 8 V. REG 0x02
1
A
Ioso3
Source current setting 3, peak
Vgs of FET equals to 2 V. REG 0x02
0.25
A
Iosi3
Sink current setting 3, peak
Vgs of FET equals to 8 V. REG 0x02
0.5
A
Gate output impedence during standby mode
Rgate_off
1.6
2.4
k
Ω
when EN_GATE low (pins GH_x, GL_x)
SUPPLY CURRENTS
IPVDD1_STB
PVDD1 supply current, standby
EN_GATE is low. PVDD1 = 8V.
20
50
µA
EN_GATE is high, no load on gate drive
output, switching at 10 kHz,
IPVDD1_OP
PVDD1 supply current, operating
15
mA
100 nC gate charge
IPVDD1_HIZ
PVDD1 Supply current, HiZ
EN_GATE is high, gate not switching
2
5
10
mA
INTERNAL REGULATOR VOLTAGE
PVDD = 8V - 60V
6
6.5
7
AVDD
AVDD voltage
V
PVDD = 6V - 60V
5.5
6
DVDD
DVDD voltage
3
3.3
3.6
V
VOLTAGE PROTECTION
PVDD falling
5.9
VPVDD_UV
Under voltage protection limit, PVDD
V
PVDD rising
6
VGVDD_UV
Under voltage protection limit, GVDD
GVDD falling
8
V
VGVDD_OV
Over voltage protection limit, GVDD
16
V
CURRENT PROTECTION, (VDS SENSING)
PVDD = 8V - 60V
0.125
2.4
VDS_OC
Drain-source voltage protection limit
V
PVDD = 6V - 8V(1)
0.125
1.491
Toc
OC sensing response time
1.5
µs
OCTW pin reporting pulse stretch length for OC
TOC_PULSE
64
µs
event
(1)
Reduced AVDD voltage range results in limitations on settings for over current protection. See Table 9.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: DRV8301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com