Electronic Components Datasheet Search
  English  ▼

X  

DRV8301 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8301
Description  Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8301 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8301 Datasheet HTML 9Page - Texas Instruments DRV8301 Datasheet HTML 10Page - Texas Instruments DRV8301 Datasheet HTML 11Page - Texas Instruments DRV8301 Datasheet HTML 12Page - Texas Instruments DRV8301 Datasheet HTML 13Page - Texas Instruments DRV8301 Datasheet HTML 14Page - Texas Instruments DRV8301 Datasheet HTML 15Page - Texas Instruments DRV8301 Datasheet HTML 16Page - Texas Instruments DRV8301 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SN
SP
SO
_
+
DC_CAL
DC_CAL
DC_CAL
S1
S2
S4
S3
S1
S2
S4
S3
5 kW
400 kW
100 W
_
+
REF
Vref /2
AVDD
AVDD
200 kW
100 kW
50 kW
5 kW
50 kW
100 kW
200 kW
400 kW
50 kW
50 kW
DRV8301
www.ti.com
SLOS719B – AUGUST 2011 – REVISED AUGUST 2013
Figure 4. Current Shunt Amplifier Simplified Block Diagram
BUCK CONVERTER
The buck converter in the DR8301 is the same as the TPS54160 buck converter. Although integrated in the
same device, buck converter is designed completely independent of rest of the gate driver circuitry. Since buck
will support external MCU or other external power need, the independency of buck operation is very critical for a
reliable system; this will give buck minimum impact from gate driver operations. Some examples are: when gate
driver shuts down due to any failure, buck will still operate unless the fault is coming from buck itself. The buck
keeps operating at much lower PVDD of 3.5V, this will assure the system to have a smooth power up and power
down sequence when gate driver is not able to operate due to a low PVDD.
The buck has an integrated high side n-channel MOSFET. To improve performance during line and load
transients the device implements a constant frequency, current mode control which reduces output capacitance
and simplifies external frequency compensation design.
The wide switching frequency of 300kHz to 2200kHz allows for efficiency and size optimization when selecting
the output filter components. The switching frequency is adjusted using a resistor to ground on the RT_CLK pin.
The device has an internal phase lock loop (PLL) on the RT_CLK pin that is used to synchronize the power
switch turn on to a falling edge of an external system clock.
The buck converter has a default start up voltage of approximately 2.5V. The EN_BUCK pin has an internal pull-
up current source that can be used to adjust the input voltage under voltage lockout (UVLO) threshold with two
external resistors. In addition, the pull up current provides a default condition. When the EN_BUCK pin is floating
the device will operate. The operating current is 116µA when not switching and under no load. When the device
is disabled, the supply current is 1.3µA.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DRV8301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com