Electronic Components Datasheet Search
  English  ▼

X  

DS91M047 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS91M047
Description  125 MHz Quad M-LVDS Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91M047 Datasheet(HTML) 5 Page - Texas Instruments

  DS91M047 Datasheet HTML 1Page - Texas Instruments DS91M047 Datasheet HTML 2Page - Texas Instruments DS91M047 Datasheet HTML 3Page - Texas Instruments DS91M047 Datasheet HTML 4Page - Texas Instruments DS91M047 Datasheet HTML 5Page - Texas Instruments DS91M047 Datasheet HTML 6Page - Texas Instruments DS91M047 Datasheet HTML 7Page - Texas Instruments DS91M047 Datasheet HTML 8Page - Texas Instruments DS91M047 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS91M047
www.ti.com
SNLS145D – JUNE 2008 – REVISED NOVEMBER 2009
DC ELECTRICAL CHARACTERISTICS
(1)(2)(3)(4) (continued)
Over supply voltage and operating temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IAB(OFF)
Driver High-Impedance Output Power-Off Current
VA = VB, −1.4V ≤ V ≤ 3.8V
(IA(OFF) − IB(OFF))
DE = 0V
−4
4
μA
0V
≤ VDD ≤ 1.5V
CA
Driver Output Capacitance
7.8
pF
CB
Driver Output Capacitance
7.8
pF
VDD = 0V
CAB
Driver Output Differential Capacitance
3
pF
CA/B
Driver Output Capacitance Balance (CA/CB)
1
ICC
Power Supply Current
RL = 50Ω (All Outputs)
DI = VDD or GND (All Inputs)
65
75
mA
DE = VDD, DE = GND
f = 125 MHz
ICCZ
TRI-STATE Power Supply Current
RL = 50Ω (All Outputs)
DI = VDD or GND (All Inputs)
19
24
mA
DE = GND, DE = VDD
SWITCHING CHARACTERISTICS
(1) (2) (3)
Over supply voltage and operating temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL
Differential Propagation Delay High to Low
1.5
3.1
5.0
ns
tPLH
Differential Propagation Delay Low to High
1.5
3.1
5.0
ns
tSKD1
Differential Pulse Skew |tPHL − tPLH|
(4) (5)
0
70
140
ps
RL = 50Ω
tSKD2
Channel-to-Channel Skew(4)(6)
0
70
200
ps
CL = 5 pF,
tSKD3
Differential Part-to-Part Skew(4)(7)
CD = 0.5 pF
0
0.8
1.5
ns
(Constant TA and VDD)
See Figure 6 and Figure 7
tSKD4
Differential Part-to-Part Skew(8)
0
3.5
ns
tTLH
Rise Time(4)
1.1
2.0
3.0
ns
tTHL
Fall Time(4)
1.1
2.0
3.0
ns
tPHZ
Disable Time High to Z
7
12.5
ns
RL = 50Ω
tPLZ
Disable Time Low to Z
7
12.5
ns
CL = 5 pF,
CD = 0.5 pF
tPZH
Enable Time Z to High
7
12.5
ns
See Figure 8 and Figure 9
tPZL
Enable Time Z to Low
7
12.5
ns
fMAX
Maximum Operating Frequency
See(4)
125
MHz
(1)
The Electrical Characteristics list ensured specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
ensured.
(2)
Typical values represent most likely parametric norms for VDD = +3.3V and TA = +25°C, and at the Recommended Operating Conditions
at the time of product characterization and are not ensured.
(3)
CL includes fixture capacitance and CD includes probe capacitance.
(4)
Specification is specified by characterization and is not tested in production.
(5)
tSKD1, |tPLHD − tPHLD|, Pulse Skew, is the magnitude difference in differential propagation delay time between the positive going edge and
the negative going edge of the same channel.
(6)
tSKD2, Channel-to-Channel Skew, is the difference in propagation delay (tPLHD or tPHLD) among all output channels.
(7)
tSKD3, Part-to-Part Skew, is defined as the difference between the minimum and maximum differential propagation delays. This
specification applies to devices at the same VDD and within 5°C of each other within the operating temperature range.
(8)
tSKD4, Part-to-Part Skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices
over recommended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max − Min|
differential propagation delay.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS91M047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com