Electronic Components Datasheet Search
  English  ▼

X  

DS91M047 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS91M047
Description  125 MHz Quad M-LVDS Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91M047 Datasheet(HTML) 1 Page - Texas Instruments

  DS91M047 Datasheet HTML 1Page - Texas Instruments DS91M047 Datasheet HTML 2Page - Texas Instruments DS91M047 Datasheet HTML 3Page - Texas Instruments DS91M047 Datasheet HTML 4Page - Texas Instruments DS91M047 Datasheet HTML 5Page - Texas Instruments DS91M047 Datasheet HTML 6Page - Texas Instruments DS91M047 Datasheet HTML 7Page - Texas Instruments DS91M047 Datasheet HTML 8Page - Texas Instruments DS91M047 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT
RT
Line Card in SLOT 1
Z0
BACKPLANE
DS91M047
Line Card in SLOT N-1
M-LVDS Receivers
RT = ZLOADED
Line Card in SLOT N
M-LVDS Receivers
RT
RT
Z0
RT
RT
Z0
RT
RT
Z0
DS91M047
www.ti.com
SNLS145D – JUNE 2008 – REVISED NOVEMBER 2009
DS91M047 125 MHz Quad M-LVDS Line Driver
Check for Samples: DS91M047
1
FEATURES
DESCRIPTION
The DS91M047 is a high-speed quad M-LVDS line
2
•
DC - 125 MHz / 250 Mbps Low Jitter, Low
driver designed for driving clock or data signals to up
Skew, Low Power Operation
to four multipoint networks.
•
Conforms to TIA/EIA-899 M-LVDS Standard
M-LVDS (Multipoint LVDS) is a new family of bus
•
Controlled Transition Times (2 ns typ)
interface
devices
based
on
LVDS
technology
Minimize Reflections
specifically designed for multipoint and multidrop
•
8 kV ESD on M-LVDS Pins Protects Adjoining
cable and backplane applications. It differs from
Components
standard LVDS in providing increased drive current to
handle double terminations that are required in multi-
•
Flow-Through Pinout Simplifies PCB Layout
point
applications.
Controlled
transition
times
•
Industrial Operating Temperature Range
minimize reflections that are common in multipoint
(
−40°C to +85°C)
configurations due to unterminated stubs.
•
Available in a Space Saving SOIC-16 Package
The DS91M047 accepts LVTTL/LVCMOS input levels
and translates them to M-LVDS signal levels with
APPLICATIONS
transition times of greater than 1 ns. The device
provides the DE and DE inputs that are ANDed
•
Multidrop / Multipoint Clock and Data
together and control the TRI-STATE outputs. The DE
Distribution
and DE inputs are common to all four drivers.
•
High-Speed, Low Power, Short-Reach
Alternative to TIA/EIA-485/422
The DS91M047 has a flow-through pinout for easy
PCB
layout.
The
DS91M047
provides
a
new
•
Clock Distribution in AdvancedTCA (ATCA)
alternative
for
high
speed
multipoint
interface
and MicroTCA (
μTCA, uTCA) Backplanes
applications. It is packaged in a space saving SOIC-
16 package.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS91M047

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91M047 NSC-DS91M047 Datasheet
370Kb / 12P
125 MHz Quad M-LVDS Line Driver
logo
Texas Instruments
DS91M047 TI1-DS91M047 Datasheet
864Kb / 16P
125 MHz Quad M-LVDS Line Driver
DS91M047 TI2-DS91M047 Datasheet
427Kb / 18P
DS91M047 125 MHz Quad M-LVDS Line Driver
REVISED APRIL 2013
logo
National Semiconductor ...
DS91M047TMA NSC-DS91M047TMA Datasheet
370Kb / 12P
125 MHz Quad M-LVDS Line Driver
logo
Texas Instruments
DS91M047TMA/NOPB TI1-DS91M047TMA/NOPB Datasheet
864Kb / 16P
125 MHz Quad M-LVDS Line Driver
More results

Similar Description - DS91M047

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9124 MAXIM-MAX9124 Datasheet
196Kb / 9P
Quad LVDS Line Driver
Rev 0; 4/01
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS91C180 NSC-DS91C180_07 Datasheet
391Kb / 14P
100 MHz M-LVDS Line Driver/Receiver Pair
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M047 NSC-DS91M047 Datasheet
370Kb / 12P
125 MHz Quad M-LVDS Line Driver
logo
Texas Instruments
50171 TI-50171 Datasheet
415Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91C180 TI1-DS91C180_13 Datasheet
974Kb / 18P
100 MHz M-LVDS Line Driver/Receiver Pair
DS91M040 TI1-DS91M040_16 Datasheet
1Mb / 20P
125 MHz Quad M-LVDS Transceiver
DS91M047 TI1-DS91M047_13 Datasheet
864Kb / 16P
125 MHz Quad M-LVDS Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com