Electronic Components Datasheet Search
  English  ▼

X  

DS91M047 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS91M047
Description  125 MHz Quad M-LVDS Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91M047 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS91M047 Datasheet HTML 6Page - Texas Instruments DS91M047 Datasheet HTML 7Page - Texas Instruments DS91M047 Datasheet HTML 8Page - Texas Instruments DS91M047 Datasheet HTML 9Page - Texas Instruments DS91M047 Datasheet HTML 10Page - Texas Instruments DS91M047 Datasheet HTML 11Page - Texas Instruments DS91M047 Datasheet HTML 12Page - Texas Instruments DS91M047 Datasheet HTML 13Page - Texas Instruments DS91M047 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
4.5
4.0
3.5
3.0
2.5
2.0
1.5
-50
-10
30
70
110
150
f = 125 MHz
TEMPERATURE (°C)
VCC = 3.0V
VCC = 3.3V
VCC = 3.6V
180
150
120
90
60
30
0
0
25
50
75
100
125
VCC = 3.3V
TA = 25°C
RL = 50: On all CH)
DE = H
DE* = L
FREQUENCY (MHz)
900
750
600
450
300
150
0
0
25
50
75
100
125
f = 1 MHz
VCC = 3.3V
TA = 25°C
RESISTIVE LOAD (:)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
-50
-10
30
70
110
150
f = 125 MHz
TEMPERATURE (°C)
VCC = 3.0V
VCC = 3.3V
VCC = 3.6V
2.8
2.5
2.2
1.9
1.6
1.3
1.0
-50
-10
30
70
110
150
f = 125 MHz
TEMPERATURE (°C)
VCC = 3.0V
VCC = 3.3V
VCC = 3.6V
2.8
2.5
2.2
1.9
1.6
1.3
1.0
-50
-10
30
70
110
150
f = 125 MHz
TEMPERATURE (°C)
VCC = 3.0V
VCC = 3.3V
VCC = 3.6V
DS91M047
SNLS145D – JUNE 2008 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 10. Driver Rise Time as a Function of Temperature
Figure 11. Driver Fall Time as a Function of Temperature
Figure 12. Driver Output Signal Amplitude as a Function of
Figure 13. Driver Propagation Delay (tPLHD) as a Function
Resistive Load
of Temperature
Figure 14. Driver Propagation Delay (tPHLD) as a Function
Figure 15. Driver Power Supply Current as a Function of
of Temperature
Frequency
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: DS91M047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com