Electronic Components Datasheet Search
  English  ▼

X  

LM2621 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2621
Description  Low Input Voltage, Step-Up DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2621 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2621 Datasheet HTML 3Page - Texas Instruments LM2621 Datasheet HTML 4Page - Texas Instruments LM2621 Datasheet HTML 5Page - Texas Instruments LM2621 Datasheet HTML 6Page - Texas Instruments LM2621 Datasheet HTML 7Page - Texas Instruments LM2621 Datasheet HTML 8Page - Texas Instruments LM2621 Datasheet HTML 9Page - Texas Instruments LM2621 Datasheet HTML 10Page - Texas Instruments LM2621 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LM2621
www.ti.com
SNVS033C – MAY 2004 – REVISED MARCH 2005
LOW VOLTAGE START-UP
The LM2621 can start-up from input voltages as low as 1.1V. On start-up, the control circuitry switches the N-
channel MOSFET continuously at 70% duty cycle until the output voltage reaches 2.5V. After this output voltage
is reached, the normal step-up regulator feedback and gated oscillator control scheme take over. Once the
device is in regulation it can operate down to a 0.65V input, since the internal power for the IC can be boot-
strapped from the output using the VDD pin.
SHUTDOWN
The LM2621 features a shutdown mode that reduces the quiescent current to less than a guaranteed 2.5µA over
temperature. This extends the life of the battery in battery powered applications. During shutdown, all feedback
and control circuitry is turned off. The regulator's output voltage drops to one diode drop below the input voltage.
Entry into the shutdown mode is controlled by the active-low logic input pin EN (Pin 2). When the logic input to
this pin pulled below 0.15VDD, the device goes into shutdown mode. The logic input to this pin should be above
0.7VDD for the device to work in normal step-up mode.
OUTPUT VOLTAGE RIPPLE FREQUENCY
A major component of the output voltage ripple is due to the hysteresis used in the gated oscillator control
scheme. The frequency of this voltage ripple is proportional to the load current. The frequency of this ripple does
not necessitate the use of larger inductors and capacitors however, since the size of these components is
determined by the switching frequency of the oscillator which can be set upto 2MHz using an external resistor.
INTERNAL CURRENT LIMIT AND THERMAL PROTECTION
An internal cycle-by-cycle current limit serves as a protection feature. This is set high enough (2.85A typical,
approximately 4A maximum) so as not to come into effect during normal operating conditions. An internal thermal
protection circuitry disables the MOSFET power switch when the junction temperature (TJ) exceeds about 160°C.
The switch is re-enabled when TJ drops below approximately 135°C.
Design Procedure
SETTING THE OUTPUT VOLTAGE
The output voltage of the step-up regulator can be set between 1.24V and 14V by connecting a feedback
resistive divider made of RF1 and RF2. The resistor values are selected as follows:
RF2 = RF1 /[(VOUT/ 1.24) −1]
(1)
A value of 150k
Ω is suggested for RF1. Then, RF2 can be selected using the above equation. A 39pF capacitor
(CF1) connected across RF1 helps in feeding back most of the AC ripple at VOUT to the FB pin. This helps reduce
the peak-to-peak output voltage ripple as well as improve the efficiency of the step-up regulator, because a set
hysteresis of 30mV at the FB pin is used for the gated oscillator control scheme.
BOOTSTRAPPING
When the output voltage (VOUT) is between 2.5V and 5.0V a bootstrapped operation is suggested. This is
achieved by connecting the VDD pin (Pin 6) to VOUT. However if the VOUT is outside this range, the VDD pin should
be connected to a voltage source whose range is between 2.5V and 5V. This can be the input voltage (VIN), VOUT
stepped down using a linear regulator, or a different voltage source available in the system. This is referred to as
non-bootstrapped operation. The maximum acceptable voltage at the BOOT pin (Pin 7) is 10V.
SETTING THE SWITCHING FREQUENCY
The switching frequency of the oscillator is selected by choosing an external resistor (RFQ) connected between
FREQ and VDD pins. See the graph titled „Switching Frequency vs RFQ” in the Typical Operating Characteristics
section of the datasheet for choosing the RFQ value to achieve the desired switching frequency. A high switching
frequency allows the use of very small surface mount inductors and capacitors and results in a very small
solution size. A switching frequency between 300kHz and 2MHz is recommended.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com