Electronic Components Datasheet Search
  English  ▼

X  

LM2621 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2621
Description  Low Input Voltage, Step-Up DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2621 Datasheet(HTML) 1 Page - Texas Instruments

  LM2621 Datasheet HTML 1Page - Texas Instruments LM2621 Datasheet HTML 2Page - Texas Instruments LM2621 Datasheet HTML 3Page - Texas Instruments LM2621 Datasheet HTML 4Page - Texas Instruments LM2621 Datasheet HTML 5Page - Texas Instruments LM2621 Datasheet HTML 6Page - Texas Instruments LM2621 Datasheet HTML 7Page - Texas Instruments LM2621 Datasheet HTML 8Page - Texas Instruments LM2621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2621
www.ti.com
SNVS033C – MAY 2004 – REVISED MARCH 2005
LM2621 Low Input Voltage, Step-Up DC-DC Converter
Check for Samples: LM2621
1
FEATURES
APPLICATIONS
2
•
Small Mini-SO8 Package (Half the Footprint of
•
PDAs, Cellular Phones
Standard 8-Pin SO Package)
•
2-Cell and 3-Cell Battery-Operated Equipment
•
1.09 mm Package Height
•
PCMCIA Cards, Memory Cards
•
Up to 2 MHz Switching Frequency
•
Flash Memory Programming
•
1.2V to 14V Input Voltage
•
TFT/LCD Applications
•
1.24V - 14V Adjustable Output Voltage
•
3.3V to 5.0V Conversion
•
Up to 1A Load Current
•
GPS Devices
•
0.17
Ω Internal MOSFET
•
Two-Way Pagers
•
Up to 90% Regulator Efficiency
•
Palmtop Computers
•
80 µA Typical Operating Current
•
Hand-Held Instruments
•
<2.5µA Guaranteed Supply Current In
Shutdown
DESCRIPTION
The LM2621 is a high efficiency, step-up DC-DC switching regulator for battery-powered and low input voltage
systems. It accepts an input voltage between 1.2V and 14V and converts it into a regulated output voltage. The
output voltage can be adjusted between 1.24V and 14V. It has an internal 0.17
Ω N-Channel MOSFET power
switch. Efficiencies up to 90% are achievable using the LM2621.
The high switching frequency (adjustable up to 2MHz) of the LM2621 allows for tiny surface mount inductors and
capacitors. Because of the unique constant-duty-cycle gated oscillator topology very high efficiencies are realized
over a wide load range. The supply current is reduced to 80µA because of the BiCMOS process technology. In
the shutdown mode, the supply current is less than 2.5µA.
The LM2621 is available in a Mini-SO-8 package. This package uses half the board area of a standard 8-pin SO
and has a height of just 1.09 mm.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI-LM2621 Datasheet
1Mb / 17P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621 Datasheet
507Kb / 17P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI2-LM2621 Datasheet
1Mb / 22P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
REVISED NOVEMBER 2015
More results

Similar Description - LM2621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
Texas Instruments
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com