Electronic Components Datasheet Search
  English  ▼

X  

LM2621 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2621
Description  Low Input Voltage, Step-Up DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2621 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2621 Datasheet HTML 4Page - Texas Instruments LM2621 Datasheet HTML 5Page - Texas Instruments LM2621 Datasheet HTML 6Page - Texas Instruments LM2621 Datasheet HTML 7Page - Texas Instruments LM2621 Datasheet HTML 8Page - Texas Instruments LM2621 Datasheet HTML 9Page - Texas Instruments LM2621 Datasheet HTML 10Page - Texas Instruments LM2621 Datasheet HTML 11Page - Texas Instruments LM2621 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LM2621
SNVS033C – MAY 2004 – REVISED MARCH 2005
www.ti.com
INDUCTOR SELECTION
The LM2621's high switching frequency enables the use of a small surface mount inductor. A 6.8µH shielded
inductor is suggested. The inductor should have a saturation current rating higher than the peak current it will
experience during circuit operation (see graph titled „Peak Inductor Current vs. Load Current” in the Typical
Performance Characteristics section). Less than 100m
Ω ESR is suggested for high efficiency.
Open-core inductors cause flux linkage with circuit components and interfere with the normal operation of the
circuit. They should be avoided. For high efficiency, choose an inductor with a high frequency core material, such
as ferrite, to reduce the core losses. To minimize radiated noise, use a toroid, pot core or shielded core inductor.
The inductor should be connected to the SW pin as close to the IC as possible. See Table 1 for a list of the
inductor manufacturers.
OUTPUT DIODE SELECTION
A Schottky diode should be used for the output diode. The forward current rating of the diode should be higher
than the load current, and the reverse voltage rating must be higher than the output voltage. Do not use ordinary
rectifier diodes, since slow switching speeds and long recovery times cause the efficiency and the load regulation
to suffer. Table 1 shows a list of the diode manufacturers.
INPUT AND OUTPUT FILTER CAPACITORS SELECTION
Tantalum chip capacitors are recommended for the input and output filter capacitors. A 22µF capacitor is
suggested for the input filter capacitor. It should have a DC working voltage rating higher than the maximum
input voltage. A 68µF tantalum capacitor is suggested for the output capacitor. The DC working voltage rating
should be greater than the output voltage. Very high ESR values (>3
Ω) should be avoided. Table 1 shows a list
of the capacitor manufacturers.
Table 1. Suggested Manufacturers List
Inductors
Capacitors
Diodes
Coilcraft
Sprague/ Vishay
Motorola
Tel: (800) 322-2645
Tel: (207) 324-4140
Tel: (800) 521-6274
Fax: (708) 639-1469
Fax: (207) 324-7223
Fax: (602) 244-6609
Coiltronics
Kemet
International Rectifier (IR)
Tel: (407) 241-7876
Tel: (864) 963-6300
Tel: (310) 322-3331
Fax: (407) 241-9339
Fax: (864) 963-6521
Fax: (310) 322-3332
Pulse Engineering
Nichicon
General Semiconductor
Tel: (619) 674-8100
Tel: (847) 843-7500
Tel: (516) 847-3222
Fax: (619) 674-8262
Fax: (847) 843-2798
Fax: (516) 847-3150
PC BOARD LAYOUT
High switching frequencies and high peak currents make a proper layout of the PC board an important part of
design. Poor design can cause excessive EMI and ground-bounce, both of which can cause malfunction and loss
of regulation by corrupting voltage feedback signal and injecting noise into the control section.
Power components - such as the inductor, input and output filter capacitors, and output diode - should be placed
as close to the regulator IC as possible, and their traces should be kept short, direct and wide. The ground pins
of the input and output filter capacitors and the PGND and SGND pins of LM2621 should be connected using
short, direct and wide traces. The voltage feedback network (RF1, RF2, and CF1) should be kept very close to the
FB pin. Noisy traces, such as from the SW pin, should be kept away from the FB and VDD pins. The traces that
run between Vout and the FB pin of the IC should be kept away from the inductor flux. Always provide sufficient
copper area to dissipate the heat due to power loss in the circuitry and prevent the thermal protection circuitry in
the IC from shutting the IC down.
8
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com