Electronic Components Datasheet Search
  English  ▼

X  

FA3621 Datasheet(PDF) 2 Page - Fuji Electric

Part # FA3621
Description  For Switching Power Supply Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA3621 Datasheet(HTML) 2 Page - Fuji Electric

  FA3621 Datasheet HTML 1Page - Fuji Electric FA3621 Datasheet HTML 2Page - Fuji Electric FA3621 Datasheet HTML 3Page - Fuji Electric FA3621 Datasheet HTML 4Page - Fuji Electric FA3621 Datasheet HTML 5Page - Fuji Electric FA3621 Datasheet HTML 6Page - Fuji Electric FA3621 Datasheet HTML 7Page - Fuji Electric FA3621 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FA3621F
2
s Block diagram
Buffer
OHP
1V
Bias
Drive
bias
Pch
driver
Pch
driver
Pch
driver
Pch
driver
Pch
driver
Pch
driver
Nch
driver
TIMER
LATCH
2.67V
Bias
UVLO
Error Amp.
Over- heat protection
VREF
CREF
VREG
VCC1
VCC2
VDRV
OUT1
(OPEN)
DT1
DT2
OUT2
OUT3
OUT4
OUT5
OUT6b
OUT6a
GND1
GND2
OSC
Soft start
ON/OFF
SYN
FB1
IN1–
FB2
IN2–
FB3
IN3–
IN3+
FB4
IN4–
IN4+
FB5
IN5–
FB6
IN6–
IN5+
CP
42
36
32 31 30
23
1
25 26
35 34 33 28 27
22
39
23
38
Hi
Hi
45
44
43
47
48
40
41
37
29
46
12
5
4
17
16
15
14
13
10
11
7
9
8
18
20
19
24
21
6
OHP
UVLO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com