Electronic Components Datasheet Search
  English  ▼

X  

FA3621 Datasheet(PDF) 1 Page - Fuji Electric

Part # FA3621
Description  For Switching Power Supply Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA3621 Datasheet(HTML) 1 Page - Fuji Electric

  FA3621 Datasheet HTML 1Page - Fuji Electric FA3621 Datasheet HTML 2Page - Fuji Electric FA3621 Datasheet HTML 3Page - Fuji Electric FA3621 Datasheet HTML 4Page - Fuji Electric FA3621 Datasheet HTML 5Page - Fuji Electric FA3621 Datasheet HTML 6Page - Fuji Electric FA3621 Datasheet HTML 7Page - Fuji Electric FA3621 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FA3621F
1
s Dimensions, mm
LQFP-48
0~7˚
9.0±
0.3
0.10±
0.06
0.5±
0.1
0.2±
0.06
0.127
±0.05
1.45 max
7.0
112
36
25
CMOS IC
For Switching Power Supply Control
s Description
FA3621F is a control IC for 6-channel DC-DC converter.
This IC can directly drive a Nch/Pch-MOSFET.
This IC is suitable to reduce converter size because it has
many functions in a small package LQFP-48.
s Features
• 6-channel PWM control with MOSFET direct driving :
5-channel for Pch-MOSFET, 1channel for Nch-MOSFET
• Low input voltage: 4.5V to 20V
•
±1.5% high accuracy bandgap reference
• Low power consumption by means of CDMOS
Standby mode: 10
µA(max.)
Operating mode: 6mA(max.)
• Soft start function for each channel
• ON/OFF function for each channel
• Timer latch for short protection
• Overheat protection
• Undervoltage lockout
• Wide range of operation frequency: 50kHz to 1MHz
• Package: LQFP-48(Thin and small)
s Application
• VTR-camera, digital-steel-camera and portable equipment
FA3621F


Similar Part No. - FA3621

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
For Switching Power Supply Control
More results

Similar Description - FA3621

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
For Switching Power Supply Control
FA3630V FUJI-FA3630V Datasheet
47Kb / 6P
For Switching Power Supply Control
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
For Switching Power Supply Control
FA3675F FUJI-FA3675F Datasheet
108Kb / 8P
For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA7700V ETC-FA7700V Datasheet
182Kb / 13P
For Switching Power Supply Control
FA3686 ETC-FA3686 Datasheet
389Kb / 18P
For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com