Electronic Components Datasheet Search
  English  ▼

X  

FA3621 Datasheet(PDF) 4 Page - Fuji Electric

Part # FA3621
Description  For Switching Power Supply Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA3621 Datasheet(HTML) 4 Page - Fuji Electric

  FA3621 Datasheet HTML 1Page - Fuji Electric FA3621 Datasheet HTML 2Page - Fuji Electric FA3621 Datasheet HTML 3Page - Fuji Electric FA3621 Datasheet HTML 4Page - Fuji Electric FA3621 Datasheet HTML 5Page - Fuji Electric FA3621 Datasheet HTML 6Page - Fuji Electric FA3621 Datasheet HTML 7Page - Fuji Electric FA3621 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FA3621F
4
Oscillator section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Oscillation frequency
fOSC
RT=18k
Ω, CT=100pF
414
460
506
kHz
Frequency variation due to supply voltage change
fdV
VCC=4.5 to 18V
±1
±3%
Frequency variation due to temperature change
fdT
Ta=–20 to +25
°C
±1.5
%
Ta=+25 to +85
°C
±1.5
Error amplifier section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Input offset voltage
VIOF
10
mV
Input common mode voltage range
VICOM
0.2
1.7
V
Open-loop gain
AVOL
70
75
dB
Unity-gain bandwidth
fT
1.2
MHz
Output sink current
IFBL
VFB=1.0V
1.5
2.8
mA
Output source current
IFBH
VFB=0V
–0.25
–0.15
mA
PWM control section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Maximum duty cycle
Dmax
100
%
Soft-start circuit section 1 (CS1, CS2, CS3/4)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Input threshold voltage
VCSO
Duty cycle=0%
0.78
V
VCS100
Duty cycle=100%
1.38
V
Charge current
ICS
–7.5
–5.1
–2.5
µA
Soft-start circuit section 2 (CS5, CS6)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Input threshold voltage
VCSO
Duty cycle=0%
0.79
V
VCS100
Duty cycle=100%
1.40
V
Charge current
ICS
0
µA
Regulated voltage section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Output voltage
VREG
2.40
2.67
2.95
V
s Electrical characteristics (Ta=25
°C, Vcc1=Vcc2=6V, CT=100pF, RT=18kΩ)
Reference voltage section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Output voltage
VREF
0.985
1.00
1.015
V
Line regulation
VRLIN
VCC=4.5 to 18V
3
10
mV
Output voltage variation due to temperature change
VRTa
Ta=–20 to +85
°C
±0.5
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com