Electronic Components Datasheet Search
  English  ▼

X  

LM3691 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3691
Description  High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3691 Datasheet(HTML) 1 Page - Texas Instruments

  LM3691 Datasheet HTML 1Page - Texas Instruments LM3691 Datasheet HTML 2Page - Texas Instruments LM3691 Datasheet HTML 3Page - Texas Instruments LM3691 Datasheet HTML 4Page - Texas Instruments LM3691 Datasheet HTML 5Page - Texas Instruments LM3691 Datasheet HTML 6Page - Texas Instruments LM3691 Datasheet HTML 7Page - Texas Instruments LM3691 Datasheet HTML 8Page - Texas Instruments LM3691 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
OUTPUT CURRENT (mA)
100
80
60
40
20
0
0.1
1
10
100
1000
VIN = 3.6V
VIN = 2.3V
VIN = 4.2V
LM3691
www.ti.com
SNVS506H – MAY 2008 – REVISED SEPTEMBER 2011
LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
Applications
Check for Samples: LM3691
1
FEATURES
DESCRIPTION
The
LM3691
step-down
DC-DC
converter
is
2
•
VOUT = 0.75V to 3.3V
optimized for powering ultra-low voltage circuits from
•
±1% DC Output Voltage Precision
a single Li-Ion cell or 3 cell NiMH/NiCd batteries. It
•
2.3V
≤ VIN ≤ 5.5V
provides up to 1A load current, over an input voltage
range from 2.3V to 5.5V. There are several different
•
4 MHz Switching Frequency
fixed voltage output options available.
•
64
μA (typ.) Quiescent Current in ECO Mode
LM3691 has a mode-control pin that allows the user
•
1A Maximum Load Capability
to select Forced PWM mode or ECO mode that
•
Automatic ECO/PWM Mode Switching
changes modes between gated PWM mode and
•
Mode Pin to Select ECO/Forced PWM Mode
PWM automatically depending on the load. In ECO,
LM3691 offers superior efficiency and very low Iq
•
1
μH Inductor, 4.7 μF Input Capacitor
under light load conditions. ECO mode extends the
(0603(1608) case size) and 4.7
μF Output
battery life through reduction of the quiescent current
Capacitor (0603(1608) Case Size)
during light load conditions and system standby.
•
Current Overload and Thermal Shutdown
The LM3691 is available in a 6-bump DSBGA
Protections
package.
Only
three
external
surface-mount
•
Only Three Tiny Surface-mount External
components, a 1
μH inductor, a 4.7 μF input
Components Required (Solution Size Less
capacitor and a 4.7
μF output capacitor, are required.
Than 15 mm2)
APPLICATIONS
•
Mobile Phones
•
Hand-Held Radios
•
MP3 Players
•
Portable Hard Disk Drives
Typical Application Circuit
Figure 1. Typical Application Circuit
Figure 2. Efficiency vs. Output Current
(VOUT = 1.8V, ECO Mode)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3691

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI1-LM3691 Datasheet
2Mb / 29P
High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3691TL-0.75 NSC-LM3691TL-0.75 Datasheet
2Mb / 18P
High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691TL-0.75 TI1-LM3691TL-0.75 Datasheet
2Mb / 29P
High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
LM3691TL-0.75/NOPB TI1-LM3691TL-0.75/NOPB Datasheet
2Mb / 29P
High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
More results

Similar Description - LM3691

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
650mA Miniature, Step-Down DC-DC Converter for Portable Applications
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Power Analog Micoelectr...
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
1A Step-Down DC-DC Converter
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
1A Step-Down DC-DC Converter
PAM2312 PAM-PAM2312 Datasheet
411Kb / 14P
1A Step-Down DC-DC Converter
logo
Texas Instruments
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3691 TI1-LM3691_15 Datasheet
2Mb / 29P
High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
1A STEP-DOWN DC-DC CONVERTER
Rev 3
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
1A STEP-DOWN DC-DC CONVERTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com