Electronic Components Datasheet Search
  English  ▼

X  

LM3691 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3691
Description  High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3691 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3691 Datasheet HTML 7Page - Texas Instruments LM3691 Datasheet HTML 8Page - Texas Instruments LM3691 Datasheet HTML 9Page - Texas Instruments LM3691 Datasheet HTML 10Page - Texas Instruments LM3691 Datasheet HTML 11Page - Texas Instruments LM3691 Datasheet HTML 12Page - Texas Instruments LM3691 Datasheet HTML 13Page - Texas Instruments LM3691 Datasheet HTML 14Page - Texas Instruments LM3691 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LM3691
www.ti.com
SNVS506H – MAY 2008 – REVISED SEPTEMBER 2011
Typical Performance Characteristics (continued)
LM3691TL Typical Application Circuit (page 1), VIN = 3.6V, VOUT = 1.8V, TA = 25°, L = 1.0 μH, 2520, (LQM2HP1R0), CIN =
COUT = 4.7 μF, 0603(1608), 6.3V, (C1608X5R0J475K) unless otherwise noted.
Load Transient Reponse
Start Up into ECO Mode
(VOUT = 2.5V, PWM Mode)
(VOUT = 0.75V, ROUT = 750Ω)
Figure 40.
Figure 41.
Start Up into PWM Mode
Start Up into ECO Mode
(VOUT = 0.75V, ROUT = 2.5Ω)
(VOUT = 1.8V, ROUT = 1.8 kΩ)
Figure 42.
Figure 43.
Start Up into PWM Mode
(VOUT = 1.8V, ROUT = 6Ω)
Figure 44.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com