Electronic Components Datasheet Search
  English  ▼

X  

LM3691 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3691
Description  High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3691 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3691 Datasheet HTML 10Page - Texas Instruments LM3691 Datasheet HTML 11Page - Texas Instruments LM3691 Datasheet HTML 12Page - Texas Instruments LM3691 Datasheet HTML 13Page - Texas Instruments LM3691 Datasheet HTML 14Page - Texas Instruments LM3691 Datasheet HTML 15Page - Texas Instruments LM3691 Datasheet HTML 16Page - Texas Instruments LM3691 Datasheet HTML 17Page - Texas Instruments LM3691 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
IRMS = IOUTMAX x
r =
VOUT
VIN
r
2
12
1 -
+
VOUT
VIN
¸¸
¹
·
¨¨
©
§
x
(VIN - VOUT)
VOUT
x
L
f
IOUTMAX
VIN
x
x
x
LM3691
SNVS506H – MAY 2008 – REVISED SEPTEMBER 2011
www.ti.com
THERMAL SHUTDOWN PROTECTION
The LM3691 has a thermal overload protection function that operates to protect itself from short-term misuse and
overload conditions. When the junction temperature exceeds around 150°C, the device inhibits operation. Both
the PFET and the NFET are turned off. When the temperature drops below 130°C, normal operation resumes.
Prolonged operation in thermal overload conditions may damage the device and is considered bad practice.
OVER-TEMPERATURE MAXIMUM LOAD RECOMMENDATIONS
VIN
Maximum Load
2.5V to 5.5V
1000 mA
2.3V to 2.5V
650 mA
Application Information
INDUCTOR SELECTION
DC bias current characteristics of inductors must be considered. Different manufacturers follow different
saturation current rating specifications, so attention must be given to details. DC bias curves should be requested
from them as part of the inductor selection process.
Minimum value of inductance to guarantee good performance is 0.5 µH at 1.5A (ILIM typ.) bias current
over the ambient temp range. The inductor’s DC resistance should be less than 0.1
Ω for good efficiency at
high current condition. The inductor AC loss (resistance) also affects conversion efficiency. Higher Q factor at
switching frequency usually gives better efficiency at light load to middle load.
Table 1 lists suggested inductors and suppliers.
INPUT CAPACITOR SELECTION
A ceramic input capacitor of 4.7 µF, 6.3V/10V is sufficient for most applications. Place the input capacitor as
close as possible to the VIN pin and GND pin of the device. A larger value or higher voltage rating may be used
to improve input voltage filtering. Use X7R, X5R or B types; do not use Y5V or F. DC bias characteristics of
ceramic capacitors must be considered when selecting case sizes like 0402. Minimum input capacitance to
guarantee good performance is 2.2 µF at maximum input voltage DC bias including tolerances and over
ambient temp range.
The input filter capacitor supplies current to the PFET (high-side) switch in the first half of each cycle and
reduces voltage ripple imposed on the input power source. A ceramic capacitor's low ESR provides the best
noise filtering of the input voltage spikes due to this rapidly changing current. Select an input filter capacitor with
sufficient ripple current rating. The input current ripple can be calculated as:
(1)
OUTPUT CAPACITOR SELECTION
Use a 4.7
μF, 6.3V ceramic capacitor, X7R, X5R or B types; do not use Y5V or F. DC bias voltage characteristics
of ceramic capacitors must be considered. DC bias characteristics vary from manufacturer to manufacturer, and
DC bias curves should be requested from them as part of the capacitor selection process. The output filter
capacitor smooths out current flow from the inductor to the load, helps maintain a steady output voltage during
transient load changes and reduces output voltage ripple. These capacitors must be selected with sufficient
capacitance and sufficiently low ESR to perform these functions. Minimum output capacitance to guarantee
good performance is 2.2 µF at the output voltage DC bias including tolerances and over ambient temp
range.
14
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com