Electronic Components Datasheet Search
  English  ▼

X  

HA17358AF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA17358AF
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17358AF Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA17358AF Datasheet HTML 1Page - Renesas Technology Corp HA17358AF Datasheet HTML 2Page - Renesas Technology Corp HA17358AF Datasheet HTML 3Page - Renesas Technology Corp HA17358AF Datasheet HTML 4Page - Renesas Technology Corp HA17358AF Datasheet HTML 5Page - Renesas Technology Corp HA17358AF Datasheet HTML 6Page - Renesas Technology Corp HA17358AF Datasheet HTML 7Page - Renesas Technology Corp HA17358AF Datasheet HTML 8Page - Renesas Technology Corp HA17358AF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HA17358A Series
Rev.2, May 2001, page 3 of 3
Absolute Maximum Ratings
(Ta = 25
°C)
Ratings
Item
Symbol
HA17358A
HA17358AF/ARP
Unit
Supply voltage
V
CC
32
32
V
Sink current
Isink
50
50
mA
Power dissipation
P
T
570 *
1
385 *
2
mW
Common mode input voltage
V
CM
−0.3 to V
CC
−0.3 to V
CC
V
Differential input voltage
Vin (diff)
±V
CC
±V
CC
V
Operating temperature
Topr
−40 to +85
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
−55 to +125
°C
Notes: 1. This is the allowable values up to Ta = 50
°C. Derate by 8.3 mW/°C.
2. These are the allowable values up to Ta = 25
°C mounting in air.
When it is mounted on glass epoxy board of 40 mm
× 40 mm × 1.5 mmt with 30% wiring density,
the allowable value is 570 mW up to Ta = 45
°C. If Ta > 45°C, derate by 7.14 mW/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com