Electronic Components Datasheet Search
  English  ▼

X  

HA17358AF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA17358AF
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17358AF Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA17358AF Datasheet HTML 3Page - Renesas Technology Corp HA17358AF Datasheet HTML 4Page - Renesas Technology Corp HA17358AF Datasheet HTML 5Page - Renesas Technology Corp HA17358AF Datasheet HTML 6Page - Renesas Technology Corp HA17358AF Datasheet HTML 7Page - Renesas Technology Corp HA17358AF Datasheet HTML 8Page - Renesas Technology Corp HA17358AF Datasheet HTML 9Page - Renesas Technology Corp HA17358AF Datasheet HTML 10Page - Renesas Technology Corp HA17358AF Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HA17358A Series
Rev.2, May 2001, page 5 of 5
Characteristic Curves
Output Source Current vs. Ambient Temperature
80
Ambeint temperature Ta (
°C)
70
60
50
40
30
20
10
0
−20
0
20
406080
VCC = 15 V
VOH = 10 V
Input Bias Current vs. Ambient Temperature
80
Ambeint temperature Ta (
°C)
70
60
50
40
30
20
10
0
−20
0
20
406080
VCC = 15 V
VCM = 7.5 V
Supply Current vs. Supply Voltage
4
Supply voltage VCC (V)
3
2
1
0
8
16
243240
Ta = 25
°C
80
Supply voltage VCC (V)
60
40
20
0
8
16
243240
Ta = 25
°C
Voltage Gain vs. Supply Voltage
160
Supply voltage VCC (V)
120
80
40
0
8
16
243240
Ta = 25
°C
RL = ∞
Maxlmum Output Voltage vs. Frequency
Input Bias Current vs. Supply Voltage
20
Frequency f (Hz)
1 k
3 k
10 k
30 k
100 k 300 k
16
12
8
4
0
VCC = 15 V
Ta = 25
°C
RL = 20 kΩ
1 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com