Electronic Components Datasheet Search
  English  ▼

X  

HA17358AF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA17358AF
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17358AF Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA17358AF Datasheet HTML 1Page - Renesas Technology Corp HA17358AF Datasheet HTML 2Page - Renesas Technology Corp HA17358AF Datasheet HTML 3Page - Renesas Technology Corp HA17358AF Datasheet HTML 4Page - Renesas Technology Corp HA17358AF Datasheet HTML 5Page - Renesas Technology Corp HA17358AF Datasheet HTML 6Page - Renesas Technology Corp HA17358AF Datasheet HTML 7Page - Renesas Technology Corp HA17358AF Datasheet HTML 8Page - Renesas Technology Corp HA17358AF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HA17358A Series
Dual Operational Amplifier
ADE-204-033B (Z)
Rev.2
May 2001
Description
HA17358A series are dual operational amplifier that provide high gain and internal phase compensation,
with single power supply. They can be widely applied to control equipments and to general use.
Features
• Wide range of supply voltage, and single power supply used
• Wide range of common mode voltage, and possible to operate with an input about 0 V, and output
around 0 V is available
• Frequency characteristics and input bias current are temperature compensated
• Low electro-magnetic susceptibility level
Output Offset Voltage vs. Input Interference
Measurement Condition
5.0
4.0
3.0
2.0
1.0
0
−1.0
100E+3
1E+6
10E+6
100E+6
1E+9
10E+9
Input RF frequency (Hz)
HA17358A series
HA17358 series
Rs
−
+
Rs
0.01
µ
Vin
−10 dBm
RF signal source
(for quasi-RF noise)
Vcc = +7.5 V
Vee =
−7.5 V
Rf
Rf
Vout
(= 100
∗Vio)
V
_
Improve-
ment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com