Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062
Description  Piccolo Microcontrollers
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28062 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320F28062 Datasheet HTML 35Page - Texas Instruments TMS320F28062 Datasheet HTML 36Page - Texas Instruments TMS320F28062 Datasheet HTML 37Page - Texas Instruments TMS320F28062 Datasheet HTML 38Page - Texas Instruments TMS320F28062 Datasheet HTML 39Page - Texas Instruments TMS320F28062 Datasheet HTML 40Page - Texas Instruments TMS320F28062 Datasheet HTML 41Page - Texas Instruments TMS320F28062 Datasheet HTML 42Page - Texas Instruments TMS320F28062 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 175 page
background image
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698D – NOVEMBER 2010 – REVISED DECEMBER 2012
2.5.22 Serial Port Peripherals
The devices support the following serial communication peripherals:
SPI:
The SPI is a high-speed, synchronous serial I/O port that allows a serial bit stream
of programmed length (one to sixteen bits) to be shifted into and out of the device
at a programmable bit-transfer rate. Normally, the SPI is used for communications
between the MCU and external peripherals or another processor. Typical
applications include external I/O or peripheral expansion through devices such as
shift registers, display drivers, and ADCs. Multi-device communications are
supported by the master/slave operation of the SPI. The SPI contains a 4-level
receive and transmit FIFO for reducing interrupt servicing overhead.
SCI:
The serial communications interface is a two-wire asynchronous serial port,
commonly known as UART. The SCI contains a 4-level receive and transmit FIFO
for reducing interrupt servicing overhead.
I2C:
The inter-integrated circuit (I2C) module provides an interface between a MCU
and other devices compliant with Philips Semiconductors Inter-IC bus (I2C-bus)
specification version 2.1 and connected by way of an I2C-bus. External
components attached to this 2-wire serial bus can transmit/receive up to 8-bit data
to or from the MCU through the I2C module. The I2C contains a 4-level receive-
and-transmit FIFO for reducing interrupt servicing overhead.
eCAN:
This is the enhanced version of the CAN peripheral. The eCAN supports 32
mailboxes, time stamping of messages, and is CAN 2.0B-compliant.
McBSP:
The multichannel buffered serial port (McBSP) connects to E1/T1 lines, phone-
quality codecs for modem applications or high-quality stereo audio DAC devices.
The McBSP receive and transmit registers are supported by the DMA to
significantly reduce the overhead for servicing this peripheral. Each McBSP
module can be configured as an SPI as required.
USB:
The USB peripheral, which conforms to the USB 2.0 specification, may be used as
either a full-speed (12-Mbps) device controller, or a full-speed (12-Mbps) or low-
speed (1.5-Mbps) host controller. The controller supports a total of six user-
configurable endpoints—all of which can be accessed via DMA, in addition to a
dedicated control endpoint for endpoint zero. All packets transmitted or received
are buffered in 4KB of dedicated endpoint memory. The USB peripheral supports
all four transfer types: Control, Interrupt, Bulk, and Isochronous. Because of the
complexity of the USB peripheral and the associated protocol overhead, a full
software library with application examples is provided within ControlSUITE™.
Copyright © 2010–2012, Texas Instruments Incorporated
Device Overview
39
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com