Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062
Description  Piccolo Microcontrollers
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28062 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320F28062 Datasheet HTML 77Page - Texas Instruments TMS320F28062 Datasheet HTML 78Page - Texas Instruments TMS320F28062 Datasheet HTML 79Page - Texas Instruments TMS320F28062 Datasheet HTML 80Page - Texas Instruments TMS320F28062 Datasheet HTML 81Page - Texas Instruments TMS320F28062 Datasheet HTML 82Page - Texas Instruments TMS320F28062 Datasheet HTML 83Page - Texas Instruments TMS320F28062 Datasheet HTML 84Page - Texas Instruments TMS320F28062 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 175 page
background image
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698D – NOVEMBER 2010 – REVISED DECEMBER 2012
Table 5-16. CLA Control Registers
CLA1
EALLOW
REGISTER NAME
SIZE (x16)
DESCRIPTION(1)
ADDRESS
PROTECTED
MVECT1
0x1400
1
Yes
CLA Interrupt/Task 1 Start Address
MVECT2
0x1401
1
Yes
CLA Interrupt/Task 2 Start Address
MVECT3
0x1402
1
Yes
CLA Interrupt/Task 3 Start Address
MVECT4
0x1403
1
Yes
CLA Interrupt/Task 4 Start Address
MVECT5
0x1404
1
Yes
CLA Interrupt/Task 5 Start Address
MVECT6
0x1405
1
Yes
CLA Interrupt/Task 6 Start Address
MVECT7
0x1406
1
Yes
CLA Interrupt/Task 7 Start Address
MVECT8
0x1407
1
Yes
CLA Interrupt/Task 8 Start Address
MCTL
0x1410
1
Yes
CLA Control Register
MMEMCFG
0x1411
1
Yes
CLA Memory Configure Register
MPISRCSEL1
0x1414
2
Yes
Peripheral Interrupt Source Select Register 1
MIFR
0x1420
1
Yes
Interrupt Flag Register
MIOVF
0x1421
1
Yes
Interrupt Overflow Register
MIFRC
0x1422
1
Yes
Interrupt Force Register
MICLR
0x1423
1
Yes
Interrupt Clear Register
MICLROVF
0x1424
1
Yes
Interrupt Overflow Clear Register
MIER
0x1425
1
Yes
Interrupt Enable Register
MIRUN
0x1426
1
Yes
Interrupt RUN Register
MIPCTL
0x1427
1
Yes
Interrupt Priority Control Register
MPC(2)
0x1428
1
–
CLA Program Counter
MAR0(2)
0x142A
1
–
CLA Aux Register 0
MAR1(2)
0x142B
1
–
CLA Aux Register 1
MSTF(2)
0x142E
2
–
CLA STF Register
MR0(2)
0x1430
2
–
CLA R0H Register
MR1(2)
0x1434
2
–
CLA R1H Register
MR2(2)
0x1438
2
–
CLA R2H Register
MR3(2)
0x143C
2
–
CLA R3H Register
(1)
All registers in this table are CSM protected
(2)
The main C28x CPU has read only access to this register for debug purposes. The main CPU cannot perform CPU or debugger writes
to this register.
Table 5-17. CLA Message RAM
ADDRESS RANGE
SIZE (x16)
DESCRIPTION
0x1480 – 0x14FF
128
CLA to CPU Message RAM
0x1500 – 0x157F
128
CPU to CLA Message RAM
Copyright © 2010–2012, Texas Instruments Incorporated
Peripheral and Electrical Specifications
81
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com