Electronic Components Datasheet Search
  English  ▼

X  

TPD7S019 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD7S019
Description  7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD7S019 Datasheet(HTML) 3 Page - Texas Instruments

  TPD7S019 Datasheet HTML 1Page - Texas Instruments TPD7S019 Datasheet HTML 2Page - Texas Instruments TPD7S019 Datasheet HTML 3Page - Texas Instruments TPD7S019 Datasheet HTML 4Page - Texas Instruments TPD7S019 Datasheet HTML 5Page - Texas Instruments TPD7S019 Datasheet HTML 6Page - Texas Instruments TPD7S019 Datasheet HTML 7Page - Texas Instruments TPD7S019 Datasheet HTML 8Page - Texas Instruments TPD7S019 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TPD7S019
www.ti.com
SLLSE33B – AUGUST 2010 – REVISED DECEMBER 2012
TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
TYPE
DESCRIPTION
NAME
DBQ
RSV
DDC_IN1
10
8
DDC signal input. Connects to the VGA controller side of one of the sync lines.
I
DDC_IN2
11
9
DDC_OUT1
9
7
DDC signal output. Connects to the video connector side of one of the sync lines.
O
DDC_OUT2
12
10
GND
6
4
–
Ground
SYNC_IN1
13
11
Sync signal buffer input. Connects to the VGA controller side of one of the sync lines.
I
SYNC_IN2
15
13
SYNC_OUT1
14
12
Sync signal buffer output. Connects to the video connector side of one of the sync lines
O
SYNC_OUT2
16
14
VCC_DDC
7
5
Power
Isolated supply input for the DDC_1 and DDC_2 level-shifting N-FET gates
VCC_SYNC
Isolated supply input for the SYNC_1 and SYNC_2 level shifters and their associated
1
15
Power
ESD protection circuits
VCC_VIDEO
2
16
Power
Supply pin specifically for the VIDEO_1, VIDEO_2 and VIDEO_3 ESD protection circuits
VIDEO1
3
1
High-speed ESD clamp input
VIDEO2
4
2
ESD
VIDEO3
5
3
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC_VIDEO,
VCC_DDC,
Supply voltage
–0.5
6.0
V
VCC_SYNC
VIO(VIDEO)
IO voltage
VIDEOx pins
–0.5
VCC_VIDEO
V
VI(SYNC)
Input voltage
SYNC pins
–0.5
VCC_SYNC
V
VI(DDC)
Input voltage
DDC_INx pins
–0.5
6.0
V
VO(DDC)
Output voltage
DDC_INx pins
–0.5
6.0
V
Tstg
Storage temperature
–55
125
°C
IEC 61000-4-2 Contact Discharge
VIDEO, DDC_OUT, SYNC_OUT pins
±8
kV
HBM ESD
VIDEO, DDC_OUT, SYNC_OUT pins
±15
kV
VCC, DDC_IN, SYNC_IN, BYP Pins
±2
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC_VIDEO,
VCC_DDC,
Supply voltage
0
5.5
V
VCC_SYNC
VIO(VIDEO)
IO voltage
VIDEOx pins
0
VCC_VIDEO
V
VI(SYNC)
Input voltage
SYNC pins
0
VCC_SYNC
V
VI(DDC)
Input voltage
DDC_INx pins
0
5.5
V
VO(DDC)
Output voltage
DDC_INx Pins
0
5.5
V
TA
Operating temperature
–40
85
°C
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD7S019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com