Electronic Components Datasheet Search
  English  ▼

X  

TPD7S019 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD7S019
Description  7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD7S019 Datasheet(HTML) 1 Page - Texas Instruments

  TPD7S019 Datasheet HTML 1Page - Texas Instruments TPD7S019 Datasheet HTML 2Page - Texas Instruments TPD7S019 Datasheet HTML 3Page - Texas Instruments TPD7S019 Datasheet HTML 4Page - Texas Instruments TPD7S019 Datasheet HTML 5Page - Texas Instruments TPD7S019 Datasheet HTML 6Page - Texas Instruments TPD7S019 Datasheet HTML 7Page - Texas Instruments TPD7S019 Datasheet HTML 8Page - Texas Instruments TPD7S019 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
VIDEO1
1
VIDEO2
2
VIDEO3
3
GND
4
12
SYNC_OUT1
11
SYNC_IN1
10
DDC_OUT2
9
DDC_IN2
16
15
14
13
8
5
6
7
TPD7S019
www.ti.com
SLLSE33B – AUGUST 2010 – REVISED DECEMBER 2012
7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT
WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
Check for Samples: TPD7S019
1
FEATURES
•
7-Channel ESD Protection Includes ESD
•
Bi-Directional Level Shifting N-Channel FETs
Protection, Level-Shifting, Buffering and Sync
Provided for DDC_CLK and DDC_DATA
Impedance Matching
Channels
•
Exceeds IEC61000-4-2 (Level 4) ESD
•
Flow-Through Single-In-Line Pin Mapping
Protection to Requirements on the External
Ensures no Additional Board Layout Burden
Pins
while Placing the ESD Protection Chip Near
the Connector
–
±15-kV Human-Body Model (HBM)
–
±8-kV IEC 61000-4-2 Contact Discharge
APPLICATIONS
•
Very Low Loading Capacitance from ESD
•
VGA and DVI-I Ports in:
Protection Diodes on VIDEO Lines (2.5 pF)
–
Desktop and Notebook PCs
•
5-V Drivers for HSYNC and VSYNC Lines
–
Graphics Cards
•
Integrated Impedance Matching Resistors on
–
Set Top Boxes
Sync Lines:
–
TV
–
TPD7S019-15: 15-
Ω Termination
RSV PACKAGE
DBQ PACKAGE
(TOP VIEW)
(TOP VIEW)
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
µQFN – RSV
Tape and reel
TPD7S019-15RSVR
ZUS
–40°C to 85°C
SSOP/QSOP – DBQ
Tape and reel
TPD7S019-15DBQR
PQ19-15
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
TERMINATION AT
PITCH
LENGTH (TYP)
WIDTH (TYP)
HEIGHT (MAX)
ORDERABLE PART NO.
SYNC
15-
Ω
0.635 mm
4.9 mm
6.0 mm
1.75 mm
TPD7S019-15DBQR
15-
Ω
0.4 mm
2.6 mm
1.8 mm
0.55 mm
TPD7S019-15RSVR
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD7S019

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD7S019 TI-TPD7S019 Datasheet
703Kb / 12P
7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019 Datasheet
836Kb / 14P
7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI2-TPD7S019 Datasheet
1Mb / 25P
TPD7S019 7-Channel Integrated ESD Solution for VGA Port with Integrated Level-Shifter and Matching Impedance
REVISED DECEMBER 2016
TPD7S019-15DBQR TI-TPD7S019-15DBQR Datasheet
703Kb / 12P
7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15DBQR TI1-TPD7S019-15DBQR Datasheet
836Kb / 14P
7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
More results

Similar Description - TPD7S019

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
IP4770CZ16 PHILIPS-IP4770CZ16 Datasheet
66Kb / 11P
VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4770CZ16 NXP-IP4770CZ16 Datasheet
73Kb / 11P
VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4776CZ38 NXP-IP4776CZ38 Datasheet
114Kb / 13P
Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 04-12 June 2007
logo
Texas Instruments
TPD7S019 TI-TPD7S019 Datasheet
703Kb / 12P
7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
logo
NXP Semiconductors
IP4776CZ38 NXP-IP4776CZ38_11 Datasheet
167Kb / 15P
Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 6-7 January 2011
logo
Texas Instruments
TPD7S019_1008 TI1-TPD7S019_1008 Datasheet
836Kb / 14P
7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD7S019 TI1-TPD7S019_15 Datasheet
1Mb / 21P
7-Channel Integrated ESD Solution for VGA Port
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
7-CHANNEL INTEGRATED ESD SOLUTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com