Electronic Components Datasheet Search
  English  ▼

X  

TPD7S019 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD7S019
Description  7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD7S019 Datasheet(HTML) 4 Page - Texas Instruments

  TPD7S019 Datasheet HTML 1Page - Texas Instruments TPD7S019 Datasheet HTML 2Page - Texas Instruments TPD7S019 Datasheet HTML 3Page - Texas Instruments TPD7S019 Datasheet HTML 4Page - Texas Instruments TPD7S019 Datasheet HTML 5Page - Texas Instruments TPD7S019 Datasheet HTML 6Page - Texas Instruments TPD7S019 Datasheet HTML 7Page - Texas Instruments TPD7S019 Datasheet HTML 8Page - Texas Instruments TPD7S019 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TPD7S019
SLLSE33B – AUGUST 2010 – REVISED DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX UNIT
ICC_VIDEO
VCC_VIDEO supply current
VCC_VIDEO = 5 V, VIDEO inputs at VCC_VIDEO or
1
10
µA
GND
ICC_DDC
VCC_DDC supply current
VCC_DDC = 5 V
1
10
µA
ICC_SYNC
VCC_SYNC supply current
VCC_SYNC = 5 V, SYNC inputs at GND or
1
50
VCC_SYNC,
µA
SYNC outputs unloaded
SYNC inputs at 3 V;
2.0
mA
SYNC outputs unloaded
IIO_VIDEO
VIDEO input/output pins
VIO_VIDEO = 3 V
0.01
1.0
µA
IOFF
DDC pin power down leakage current
VCC_DDC ≤ 0.4 V, VDDC_OUT = 5 V
0.01
1.0
µA
VD
Diode forward voltage for lower clamp of
ID = 8 mA, lower clamp diode
–0.6
–0.8
–0.95
V
VIDEO, DDC, SYNC output pins
RDYN_VIDEO
Dynamic resistance (VIDEO pins)
I = 1 A
1.0
Ω
VIH
High-level SYNC logic input voltage
VCC_SYNC = 5 V
2.0
V
VIL
Low-level SYNC logic input voltage
VCC_SYNC = 5 V
0.6
V
VOH
High-level SYNC logic output voltage
IOH = 0 mA, VCC_SYNC = 5 V
4.85
V
VOH-15
High-level SYNC logic
TPD7S019-15
IOH = 24 mA, VCC_SYNC = 5 V
2
V
output voltage
VOL
Low-level SYNC logic output voltage
IOH = 0 mA, VCC_SYNC = 5 V
0.15
V
VOL-15
Low-level SYNC logic
TPD7S019-15
IOH = 24 mA, VCC_SYNC = 5 V
0.8
V
output voltage
RT
SYNC driver output
TPD7S019-15
VCC_SYNC = 5 V, SYNC inputs at GND or 3 V
15
Ω
resistance
CIO_VIDEO
IO capacitance of VIDEO pins
VIO = 2.5 V
2.5
4
pF
tPLH
SYNC driver L => H propagation delay
CL = 50 pF; VCC = 5 V, input tR and tF ≤ 5ns
12
ns
tPHL
SYNC driver H => L propagation delay
CL = 50 pF; VCC = 5 V, input tR and tF ≤ 5ns
12
ns
tR, tF
SYNC driver output rise & fall times
CL = 50 pF; VCC = 5 V, input tR and tF ≤ 5ns
4
ns
VBR
VIDEO ESD diode break-down voltage
IIO = 1 mA
9
V
Typical Characteristics
Figure 1. TPD7S019-xx TLP VID1 to GND, Barth, Trf = 10 ns
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPD7S019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com