Electronic Components Datasheet Search
  English  ▼

X  

TPS23751 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23751
Description  IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23751 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS23751 Datasheet HTML 17Page - Texas Instruments TPS23751 Datasheet HTML 18Page - Texas Instruments TPS23751 Datasheet HTML 19Page - Texas Instruments TPS23751 Datasheet HTML 20Page - Texas Instruments TPS23751 Datasheet HTML 21Page - Texas Instruments TPS23751 Datasheet HTML 22Page - Texas Instruments TPS23751 Datasheet HTML 23Page - Texas Instruments TPS23751 Datasheet HTML 24Page - Texas Instruments TPS23751 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Mark
Class
Between
Ranges
Operating
T2P
Open-Drain
Operating
T2P Low
Between
Ranges
UVLO
Rising
UVLO
Falling
UVLO
Falling
TYPE 2 PSE
Hardware Class
Class
TYPE 1 PSE
Hardware Class
Between
Ranges
PoE Startup Sequence
Mark
Reset
Idle
Class
Mark
Class
Between
Ranges
UVLO
Rising
Detect
TPS23751
TPS23752
www.ti.com
SLVSB97A – JULY 2012 – REVISED AUGUST 2012
Hardware Classification
Hardware classification allows a PSE to determine the power requirements of a PD before powering, and helps
with power management once power is applied. Type 2 hardware classification permits high power PSEs and
PDs to determine whether the connected device can support high-power operation. A type 2 PD presents class 4
in hardware to indicate that it is a high-power device. A type 1 PSE treats a class 4 device like a class 0 device,
allotting 13 W if it chooses to power the PD. A PD that receives a 2-event class understands that it is powered
from a high-power PSE and it may draw up to 25.5 W immediately after the 80 ms startup period completes. A
type 2 PD that does not receive a 2-event hardware classification may choose to not start, or must start in a 13
W condition and request more power through the DLL after startup. The standard requires a type 2 PD to
indicate that it is underpowered if this occurs. Startup of a high-power PD under 13 W implicitly requires some
form of powering down sections of the application circuits.
The maximum power entries in Table 1 determine the class the PD must advertise. The PSE may disconnect a
PD if it draws more than its stated Class power, which may be the hardware class or a lower DLL-derived power
level. The standard permits the PD to draw limited current peaks that increase the instantaneous power above
the Table 1 limit, however the average power requirement always applies.
The TPS23751 and TPS23752 implement two-event classification. Selecting an RCLS of 63.4 Ω provides a valid
type 2 signature. A TPS23751 or TPS23752 may be used as a compatible type 1 device simply by programming
class 0–3 per Table 1. DLL communication is implemented by the Ethernet communication system in the PD and
is not implemented by the TPS23751 or TPS23752.
The TPS23751 and TPS23752 disable classification above VCU_OFF to avoid excessive power dissipation. CLS
voltage is turned off during PD thermal limiting or when DEN is active. The CLS output is inherently current
limited, but should not be shorted to VSS for long periods of time.
Figure 23 shows how classification works for the TPS23751 and TPS23752. Transition from state-to-state occurs
when comparator thresholds are crossed (see Figure 20 and Figure 21). These comparators have hysteresis,
which adds inherent memory to the machine. Operation begins at idle (unpowered by PSE) and proceeds with
increasing voltage from left to right. A 2-event classification follows the (heavy lined) path towards the bottom,
ending up with a latched type 2 decode along the lower branch that is highlighted. This state results in a low T2P
during normal operation. Once the valid path to type 2 PSE detection is broken, the input voltage must transition
below the mark reset threshold to start anew.
Figure 23. Two-Event Class Internal States
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS23751 TPS23752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com