Electronic Components Datasheet Search
  English  ▼

X  

TPS23751 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23751
Description  IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23751 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS23751 Datasheet HTML 9Page - Texas Instruments TPS23751 Datasheet HTML 10Page - Texas Instruments TPS23751 Datasheet HTML 11Page - Texas Instruments TPS23751 Datasheet HTML 12Page - Texas Instruments TPS23751 Datasheet HTML 13Page - Texas Instruments TPS23751 Datasheet HTML 14Page - Texas Instruments TPS23751 Datasheet HTML 15Page - Texas Instruments TPS23751 Datasheet HTML 16Page - Texas Instruments TPS23751 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
9
SW
T
8.5
10
Hz
R
´
W
¦
=
TPS23751
TPS23752
www.ti.com
SLVSB97A – JULY 2012 – REVISED AUGUST 2012
RT (Timing Resistor): A timing resistor (RT in Figure 1) connected between this pin and ARTN sets the PWM
switching frequency fSW according to Equation 1.
(1)
The switching frequency remains constant during PWM operation, but decreases as VCTL falls below VCTL_VFO.
RT is a high impedance pin. Keep the connections short and isolate them from potential noise sources.
RTN: The RTN pin provides the negative power return path for the converter. Once VDD exceeds the UVLO
threshold (VUVLO_R), the internal pass MOSFET pulls RTN to VSS. Inrush limiting prevents the RTN current from
exceeding about 140 mA until the bulk capacitance (CIN in Figure 1) is fully charged. Inrush ends and the
converter begins operating when the RTN current drops below about 125 mA. The RTN current is subsequently
limited to about 1 A. If RTN ever exceeds about 12 V, then the controller returns to inrush limiting.
RTN should be connected to ARTN for most applications.
SLPb: (TPS23752 only): The SLPb pin controls entry into Sleep Mode. A falling-edge transition applied to this
pin during normal operation initiates Sleep Mode. This mode of operation disables converter switching, increases
the current limit of the internal VC regulator, and pulls the LED output low. Cycling VDD or pulling the WAKE pin
low terminates the Sleep Mode and restores normal operation.
SRD (Synchronous Rectifier Disable): This open-drain output pulls to ARTN whenever the DC-DC converter is
enabled, inrush and soft start are complete, and the voltage at the CTL pin exceeds the threshold VCTL_VFO set
by the SRT pin. A low voltage on the SRD pin signals the synchronous rectifier to begin operation. If the CTL pin
voltage drops below VCTL_VFO, then the SRD output goes high impedance to disable the synchronous rectifier.
This action ensures that the synchronous rectifier does not operate during VFO mode.
SRT (Synchronous Rectifier Threshold): The SRT pin sets the thresholds VCTL_VFO and VCS_VFO, at which the DC-
DC converter switches between PWM and VFO. The application circuit normally uses a resistor divider
(RSRT1–RSRT2 in Figure 1) to generate a voltage of 0.5 to 1.5 V at the SRT pin. When the voltage on the CTL pin
exceeds VCTL_VFO, the converter operates in PWM mode and the SRD pin is pulled low to enable the
synchronous rectifier. When the voltage on CTL falls below VCTL_VFO, the converter operates in VFO and the
SRD pin goes high impedance to disable the synchronous rectifier. Tying SRT to ARTN disables the VFO mode.
T2P (Type-2 PSE Indicator): The controller pulls this pin to ARTN whenever type-2 hardware classification has
been observed; or the APD pin is pulled high, after the internal T2P delay is complete, and VCTL ≤ 4 V. Once T2P
is valid, VCTL has no effect on the status of T2P. The T2P output will return to a high-impedance state if the part
enters thermal shutdown, the pass MOSFET enters inrush limiting, or if a type-2 PSE was not detected and the
voltage on APD drops below its threshold. The circuitry that watches for type-2 hardware classification latches its
result when the V(VDD-VSS) voltage differential rises above the upper classification threshold. This circuit resets
when the V(VDD-VSS) voltage differential drops below the mark threshold. The T2P pin can be left unconnected if it
is not used.
VB (Bias Voltage): The VB pin is the output of an internal 5 V regulator fed from VC. A ceramic bypass capacitor
with a minimum capacitance of no less than 80 nF must connect from VB to ARTN. VB may be used to bias the
feedback optocoupler. For the TPS23752, VB may also bias pullups for SLPb and MODE.
VC (Controller Voltage): The VC pin connects to the auxiliary bias supply for the DC-DC controller. The MOSFET
gate driver draws current directly from VC. VB is regulated down from VC to provide power for the rest of the
internal control circuitry. A startup current source from VDD to VC controlled by a comparator with hysteresis
implements the converter bootstrap startup. VC must receive power from an auxiliary source, such as an auxiliary
winding on the flyback transformer, to sustain normal operation after startup. A low-ESR bypass capacitor, such
as a ceramic capacitor, must connect from VC to ARTN to supply the gate drive current required to drive the
external switching MOSFET.
The TPS23752 regulates VC to 12.8 V while in Sleep Mode to regulate the brightness of the Sleep-Mode LED.
VDD: The VDD pin connects to the positive side of the input supply. The VDD pin provides operating power to the
PD controller, allows this circuit to monitor the input line voltage, and serves as the source for DC-DC startup
current. In the TPS23752, it also supplies the LED and MPS current during Sleep-Mode operation
VSS: The VSS pin connects to the negative rail of the input supply. It serves as a local ground for the PD control
circuitry. The PowerPAD™ must connect to VSS to ensure proper operation.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS23751 TPS23752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com