Electronic Components Datasheet Search
  English  ▼

X  

LM25066I Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM25066I
Description  Intel Node Manager Compliant System Power Management and Protection IC with PMBus
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066I Datasheet(HTML) 2 Page - Texas Instruments

  LM25066I Datasheet HTML 1Page - Texas Instruments LM25066I Datasheet HTML 2Page - Texas Instruments LM25066I Datasheet HTML 3Page - Texas Instruments LM25066I Datasheet HTML 4Page - Texas Instruments LM25066I Datasheet HTML 5Page - Texas Instruments LM25066I Datasheet HTML 6Page - Texas Instruments LM25066I Datasheet HTML 7Page - Texas Instruments LM25066I Datasheet HTML 8Page - Texas Instruments LM25066I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
5x4 mm WQFN 24L
1
24
OUT
PGD
TIMER
VAUX
SCL
SMBA
VREF
DIODE
PWR
RETRY
Exposed
Pad
OUT
UVLO/EN
VIN
GATE
DIODE
ADR2
ADR1
ADR0
VDD
N/C
FB
OVLO
SDA
SCL
PGD
N/C
SENSE
VDD
SMBus
Interface
SMBA
CL
CB
RETRY
VAUX
VDD
VREF
TIMER
PWR
GND
LM25066I/A
Auxillary ADC Input
(0V - 1.16V)
UVLO/EN
R1
R2
R3
R4
R5
Q2
VOUT
CLOAD
RS
VIN
CVDD
CVREF
RPWR
CT
CIN
DZ
Q1
RPG
OUT
LM25066I, LM25066IA
SNVS824C – JUNE 2012 – REVISED MARCH 2013
www.ti.com
Typical Application Schematic
Connection Diagram
Solder exposed pad to ground.
Top View
WQFN-24
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25066I LM25066IA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com