Electronic Components Datasheet Search
  English  ▼

X  

LM25066I Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM25066I
Description  Intel Node Manager Compliant System Power Management and Protection IC with PMBus
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066I Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM25066I Datasheet HTML 9Page - Texas Instruments LM25066I Datasheet HTML 10Page - Texas Instruments LM25066I Datasheet HTML 11Page - Texas Instruments LM25066I Datasheet HTML 12Page - Texas Instruments LM25066I Datasheet HTML 13Page - Texas Instruments LM25066I Datasheet HTML 14Page - Texas Instruments LM25066I Datasheet HTML 15Page - Texas Instruments LM25066I Datasheet HTML 16Page - Texas Instruments LM25066I Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
ID
GATE
22 A
10 A
1.16V
1.16V
23 A
5.5 A
Insertion
Timer
90 A
Fault
Timer
2.8 A
Fault
Discharge
1.72V
1.0V
TIMER
Current Limit
Threshold
Charge
Pump
VDS
23 A
TIMER AND GATE
LOGIC CONTROL
Power Limit
Threshold
2 mA
Gate
Control
18.8V
1 M
1.9 mA
End
Insertion
Time
0.3V
LM25066I/A
Current Limit/
Power Limit
Control
2.6V
VIN
POR
25 mV
190
mA
1/16
1/16
VAUX
12bit
ADC
SMBUS
INTERFACE
DIODE
ADR0
ADR1
ADR2
SCL
SDA
SMBA
ADDRESS
DECODER
TELEMETRY
STATE
MACHINE
Gain = 2.3V/V
Diode
Temp
Sense
VDD
REG
VDD
1.167V
UV
OV
VREF
REF
GEN
24 A
MEASUREMENT/
AVERAGING
FAULT REGISTERS
2.5V
VDD
LM25066I, LM25066IA
www.ti.com
SNVS824C – JUNE 2012 – REVISED MARCH 2013
BLOCK DIAGRAM
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM25066I LM25066IA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com