Electronic Components Datasheet Search
  English  ▼

X  

LM25066I Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM25066I
Description  Intel Node Manager Compliant System Power Management and Protection IC with PMBus
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066I Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM25066I Datasheet HTML 17Page - Texas Instruments LM25066I Datasheet HTML 18Page - Texas Instruments LM25066I Datasheet HTML 19Page - Texas Instruments LM25066I Datasheet HTML 20Page - Texas Instruments LM25066I Datasheet HTML 21Page - Texas Instruments LM25066I Datasheet HTML 22Page - Texas Instruments LM25066I Datasheet HTML 23Page - Texas Instruments LM25066I Datasheet HTML 24Page - Texas Instruments LM25066I Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
OUT
UVLO/EN
VIN
GATE
DIODE
ADR2
ADR1
ADR0
VDD
N/C
25 k:
2.1 k:
2.1 k:
FB
10 k:
1.3 k:
MMBT3904
OVLO
SDA
SCL
PGD
N/C
SENSE
VDD
SMBus
Interface
SMBA
CL
CB
RETRY
VAUX
VDD
VREF
TIMER
PWR
GND
LM25066I/IA
Auxillary ADC Input
(0V - 1.16V)
VOUT
330 PF
10 k:
0.5 m:
12V
1 PF
1 PF
6.98 k:
0.47 PF
PSMN1R2-25YL
UVLO/EN
OUT
LM25066I, LM25066IA
www.ti.com
SNVS824C – JUNE 2012 – REVISED MARCH 2013
APPLICATIONS SECTION
Figure 36. Typical Application Circuit
DESIGN-IN PROCEDURE
(Refer to Figure 36 for Typical Application Circuit) Shown here is the step-by-step procedure for hardware design
of the LM25066I/A. This procedure refers to sections that provide detailed information on the following design
steps. The recommended design-in procedure is as follows:
MOSFET Selection: Determine MOSFET value based on breakdown voltage, current and power ratings.
Current Limit, RS: Determine the current limit threshold (ILIM). This threshold must be higher than the normal
maximum load current, allowing for tolerances in the current sense resistor value and the LM25066I/A Current
Limit threshold voltage. Use Equation 1 to determine the value for RS.
Power Limit Threshold: Determine the maximum allowable power dissipation for the series pass MOSFET (Q1)
using the device’s SOA information. Use Equation 2 to determine the value for RPWR.
Turn-On Time and TIMER Capacitor, CT: Determine the value for the timing capacitor at the TIMER pin (CT)
using Equation 8. The fault timeout period (tFAULT) MUST be longer than the circuit’s turn-on-time. The turn-on
time can be estimated using the equations in TURN-ON TIME, but should be verified experimentally. Review the
resulting insertion time, and the restart timing if retry is enabled.
UVLO, OVLO: Choose option A, B, C, or D from UVLO, OVLO to set the UVLO and OVLO thresholds and
hysteresis. Use the procedure for the appropriate option to determine the resistor values at the UVLO/EN and
OVLO pins.
Power Good: Choose the appropriate output voltage and calculate the required resistor divider from the output
voltage to the FB pin. Choose either VDD or OUT to connect properly sized pullup resistor for the Power Good
output (PGD).
Refer to Programming Guide section: After all hardware design is complete, refer to the programming guide
for a step by step procedure regarding software.
MOSFET SELECTION
It is recommended that the external MOSFET (Q1) selection be based on the following criteria:
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM25066I LM25066IA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com