Electronic Components Datasheet Search
  English  ▼

X  

WDBR2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WDBR2
Description  Ultra Low Profile Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WDBR2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WDBR2 Datasheet HTML 1Page - List of Unclassifed Manufacturers WDBR2 Datasheet HTML 2Page - List of Unclassifed Manufacturers WDBR2 Datasheet HTML 3Page - List of Unclassifed Manufacturers WDBR2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ultra Low Profile
Power Resistors
WDBR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
2.14
250mm
3mm
Terminations
The following termination options are available
Maximum
Pulsed load at full pulse power rating 50,000 cycles (see Fig 1)
Mounted on a 0.53°C/W heatsink with 5m/s forced air cooling, air temperature 25°C.
ΔR%
5
Derating at heatsink temperatures >160°C
See Fig. 2
Thermal Performance
1ms
1ms
8s
Ppk
2s
Fig. 1: Duty CycleWaveform
0
20
40
60
80
100
120
050100
150200
250
Heatsink Temperature(°C)
Fig.2: TemperatureDerating
PL
WDBR Size
½
1, 2, 3, 5 & 7
Pad Length, PL
7.5
9.0
Pad Width, PW
4.5
9.0
WDBR Size
½
1, 2, 3, 5 & 7
Terminal Height, TH
6.8
11
Terminal Width, TW
2.8
6.3
Terminal Thickness, TT
0.8
0.8
PW
Notes:
1. Two options exist for solder type. The standard is SnAg (96SC) which is Pb-free and the second (HT) is high temperature HMP alloy which is
Pb-bearing. Both are RoHS compliant, but the second relies on the RoHS exemption for high temperature solders and is targeted at specialist
high temperature applications.
TH
TW
TT
Option
Code
Nominal Dimensions (mm)
Solder pad only 1
I
Flying leads
UL3134/5
40A, 600V
L
Push-on connectors
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com