Electronic Components Datasheet Search
  English  ▼

X  

WDBR2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WDBR2
Description  Ultra Low Profile Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WDBR2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WDBR2 Datasheet HTML 1Page - List of Unclassifed Manufacturers WDBR2 Datasheet HTML 2Page - List of Unclassifed Manufacturers WDBR2 Datasheet HTML 3Page - List of Unclassifed Manufacturers WDBR2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ultra Low Profile
Power Resistors
WDBR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
2.14
Example: WDBR2 at 100 ohms and 10% tolerance with standard solder, flying leads and packed in a box of 40 pieces:
Solder Option
Ordering Procedure
WD BR 2 –100 R K L W
Type
Value(use IEC62code)
Tolerance(use IEC62code)
K10%
Termination
I
Solder padonly
LFlyingleads
TPush-on connectors
Packing
96SC Standard
HT HMP High temperature
W
WDBR1/2I
Bulk
180/box
Standard
WDBR1/2T
64/box
WDBR1/2L, WDBR1L, WD-
BR2L, WDBR3I, WDBR3T,
WDBR5I, WDBR5T
40/box
WDBR1I, WDBR2I
100/box
WDBR1T, WDBR2T
80/box
WDBR3L, WDBR5L,
WDBR7 all terminations
20/box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com