Electronic Components Datasheet Search
  English  ▼

X  

WR12 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WR12
Description  Thick Film General Purpose Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WR12 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WR12 Datasheet HTML 1Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 2Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 3Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 4Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 5Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 6Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 7Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 8Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Approval sheet
Page 5 of 9
ASC_WR_V21
Mar.- 2012
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E24 series for resistors with a tolerance of
±5%,
and E96 series for resistors with a tolerance of
±1%. The values of the E24/E96 series are in accordance with
“IEC publication 60063”
Derating
The power that the resistor can dissipate depends on the operating temperature; see Fig.2
Figure 2
Maximum dissipation in percentage of rated power as a
function of the ambient temperature for WR12, WR08,
WR06, WR04
MOUNTING
Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for handling by
automatic placement systems.
Chip placement can be on ceramic substrates and printed-circuit boards (PCBs).
Electrical connection to the circuit is by individual soldering condition.
The end terminations guarantee a reliable contact.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com