Electronic Components Datasheet Search
  English  ▼

X  

WR12 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # WR12
Description  Thick Film General Purpose Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WR12 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  WR12 Datasheet HTML 1Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 2Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 3Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 4Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 5Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 6Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 7Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 8Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Approval sheet
Page 8 of 9
ASC_WR_V21
Mar.- 2012
REQUIREMENT
TEST
PROCEDURE / TEST METHOD
Resistor
0
Ω
Ω
Ω
Ω
Load life in Humidity
JISC5201-1: 1998
Clause 4.24
1000 +48/-0 hours, loaded with RCWV or Vmax in humidity chamber
controller at 40
°C±2°C and 90~95% relative humidity, 1.5hours on and
0.5 hours off
±5%: ∆R/R max. ±(2%+0.1Ω)
±1%: ∆R/R max. ±(1%+0.1Ω)
No visible damage
<50m
Ω
Load life (endurance)
JISC5201-1: 1998
Clause 4.25
1000 +48/-0 hours, loaded with RCWV or Vmax in chamber controller
70±2ºC, 1.5 hours on and 0.5 hours off
±5%: ∆R/R max. ±(3%+0.1Ω)
±1%: ∆R/R max. ±(1%+0.1Ω)
No visible damage
<50m
Ω
Insulation Resistance
JISC5201-1: 1998
Clause 4.6
Apply the maximum overload voltage (DC) for 1minute
R≧10GΩ
Dielectric Withstand
Voltage
JISC5201-1: 1998
Clause 4.7
Apply the maximum overload voltage (AC) for 1 minute
No breakdown or flashover
TEST CONDITION FOR JUMPER (0
Ω
Ω
Ω
Ω)
Item
WR12
WR08
WR06
WR04
Power Rating At 70
°C
1/4W
1/8W
1/10W
1/16W
Resistance
MAX.50m
Ω
Rated Current
2A
1.5A
1A
1A
Peak Current
5A
3.5A
3A
2A
Operating Temperature
-55 ~ +155
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com