Electronic Components Datasheet Search
  English  ▼

X  

WR12 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WR12
Description  Thick Film General Purpose Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WR12 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WR12 Datasheet HTML 1Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 2Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 3Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 4Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 5Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 6Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 7Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 8Page - List of Unclassifed Manufacturers WR12 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Approval sheet
Page 6 of 9
ASC_WR_V21
Mar.- 2012
SOLDERING CONDITION
The robust construction of chip resistors allows
them to be completely immersed in a solder bath
of 260
°C for 10 seconds. Therefore, it is possible
to mount Surface Mount Resistors on one side of
a PCB and other discrete components on the
reverse (mixed PCBs).
Surface
Mount
Resistors
are
tested
for
solderability at 235
°C during 2 seconds. The test
condition for no leaching is 260
°C for 30 seconds.
Typical examples of soldering processes that
provide reliable joints without any damage are
given in Fig 3.
Fig 3. Infrared soldering profile for Chip Resistors
CATALOGUE NUMBERS
The resistors have a catalogue number starting with
WR12
X
472_
J
T
L
Size code
WR12 : 1206
WR08 : 0805
WR06 : 0603
WR04: 0402
Type code
X :
±5%, 1Ω ~ 10MΩ
±1%, 10Ω ~ 1MΩ
W :
±1%, < 10Ω; >1MΩ
Resistance code
±5%, E24: 2 significant
digits followed by no. of
zeros and a blank
4.7
Ω
=4R7_
10
Ω
=100_
220
Ω
=221_
Jumper
=000_
(“_” means a blank)
±1%, E24+E96: 3 significant
digits followed by no. of
zeros
102
Ω
=1020
37.4K
Ω
=3742
Tolerance
F :
±1%
J :
±5%
P : Jumper
Packaging code
T
: 7” Reeled taping
Q
: 10” Reeled taping
G
: 13” Reeled taping
H
: 13'' reel 50Kpcs
only for 0402
B
: Bulk
D
: 7'' reel 20Kpcs
only for 0402
A : 7" reel 15Kpcs only
for 0402
Termination code
L= Sn base
(lead free)
WR12, WR08, WR06:
1.
Reeled tape packaging : 8mm width paper taping 5000pcs per 7” reel, 10kpcs per 10” reel, 20kpcs per 13” reel.
2.
Bulk packaging
: 5000pcs per poly-bag
WR04:
1.
Reeled tape packaging : 8mm width paper taping 10,000pcs per reel,
2.
Bulk packaging
: 10,000pcs per poly-bag



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com