Electronic Components Datasheet Search
  English  ▼

X  

LM2833 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2833
Description  1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2833 Datasheet(HTML) 2 Page - Texas Instruments

  LM2833 Datasheet HTML 1Page - Texas Instruments LM2833 Datasheet HTML 2Page - Texas Instruments LM2833 Datasheet HTML 3Page - Texas Instruments LM2833 Datasheet HTML 4Page - Texas Instruments LM2833 Datasheet HTML 5Page - Texas Instruments LM2833 Datasheet HTML 6Page - Texas Instruments LM2833 Datasheet HTML 7Page - Texas Instruments LM2833 Datasheet HTML 8Page - Texas Instruments LM2833 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
2
3
4
EN
SGND
SW
SW
VIND
VIND
5
PGND
NC
FB
VINC
6
7
8
9
10
8
7
6
5
DAP
2
3
4
7
9
8
VIND
EN
NC
DAP
SW
SW
SGND
6
10
1
5
FB
PGND
VINC
VIND
LM2833
VIN
VIND
SW
FB
SGND
L1
R1
D1
C1
VOUT
VINC
PGND
C2
R2
EN
1
2
3
6
5
7,8
9,10
R3
C3
4
NC
LM2833
SNVS505D – MAY 2008 – REVISED JANUARY 2009
www.ti.com
Typical Application Circuit
Connection Diagrams
Figure 1. 10-Pin WSON
Figure 2. 10-pin MSOP-PowerPAD
See Package DSC
See Package DGQ
PIN DESCRIPTIONS
Pin(s)
Name
Description
1
VINC
Input supply for internal bias and control circuitry. Need to locally bypass this pin to GND.
Enable control input. Logic high enables operation. Do not allow this pin to float or subject to
2
EN
voltages greater than VIN + 0.3V.
Signal (analog) ground. Place the bottom resistor of the feedback network as close as possible to
3
SGND
this pin for good load regulation.
4
NC
No user function, connect this pin to GND.
5
FB
Feedback pin. Connect this pin to the external resistor divider to set output voltage.
6
PGND
Power ground pin. Provides ground return path for the internal driver.
7, 8
SW
Switch pins. Connect these pins to the inductor and catch diode.
9, 10
VIND
Input supply voltage. Connect a bypass capacitor locally from these pins to PGND.
Connect to system ground for low thermal impedance, but it cannot be used as a primary GND
DAP
Die Attach Pad
connection.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM2833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com