Electronic Components Datasheet Search
  English  ▼

X  

LM2833 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2833
Description  1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2833 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2833 Datasheet HTML 7Page - Texas Instruments LM2833 Datasheet HTML 8Page - Texas Instruments LM2833 Datasheet HTML 9Page - Texas Instruments LM2833 Datasheet HTML 10Page - Texas Instruments LM2833 Datasheet HTML 11Page - Texas Instruments LM2833 Datasheet HTML 12Page - Texas Instruments LM2833 Datasheet HTML 13Page - Texas Instruments LM2833 Datasheet HTML 14Page - Texas Instruments LM2833 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM2833
www.ti.com
SNVS505D – MAY 2008 – REVISED JANUARY 2009
reduce from the maximum value accordingly, to maintain regulation. It takes a finite amount of time for this
reduction of duty cycle and this can result in a transient in output voltage for a short duration, as shown in
Figure 27. In applications where this output voltage overshoot is undesirable, one simple solution is to add a
feed-forward capacitor (CFF) across the top feedback resistor R1 to speed Gm Amplifier recovery. In practice, a
27nF to 100nF ceramic capacitor is usually a good choice to remove the overshoot completely or limit the
overshoot to an insignificant level during startup, as shown in Figure 28. Another more effective solution is to
control EN pin voltage by a separate logic signal, and pull the signal high only after VIN is fully established. In this
way, the chip can execute a normal, complete soft start process, minimizing any output voltage overshoot. Under
some circumstances at cold temperature, this approach may also be required to minimize any unwanted output
voltage transients that may occur when the input voltage rises slowly. For a fast rising input voltage (100µs for
example), there is no need to control EN separately or add a feed-forward capacitor since the soft-start can bring
up output voltage smoothly as shown in Figure 29.
During startup, the LM2833 gradually increases the switching frequency from 400kHz (LM2833X) or 800kHz
(LM2833Z) to the nominal fixed value, as the feedback voltage increases (see FREQUENCY FOLDBACK section
for more information). Since the internal corrective ramp signal adjusts its slope dynamically, and is proportional
to the switching frequency during startup, a larger output capacitance may be required to insure a smooth output
voltage rise, at low programmed output voltage and high output load current.
Figure 27. Startup Response to VIN
Figure 28. Startup Response to VIN with CFF
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com