Electronic Components Datasheet Search
  English  ▼

X  

LM2833 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2833
Description  1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2833 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2833 Datasheet HTML 17Page - Texas Instruments LM2833 Datasheet HTML 18Page - Texas Instruments LM2833 Datasheet HTML 19Page - Texas Instruments LM2833 Datasheet HTML 20Page - Texas Instruments LM2833 Datasheet HTML 21Page - Texas Instruments LM2833 Datasheet HTML 22Page - Texas Instruments LM2833 Datasheet HTML 23Page - Texas Instruments LM2833 Datasheet HTML 24Page - Texas Instruments LM2833 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM2833Z
VIN
VIND
SW
FB
SGND
L1
R1
D1
C1
VOUT
VINC
PGND
C2
R2
EN
1
2
3
6
5
7,8
9,10
R3
C3
4
NC
LM2833
www.ti.com
SNVS505D – MAY 2008 – REVISED JANUARY 2009
LM2833Z Design Example 3
Figure 37. LM2833Z (3MHz): VIN = 3.3V, Output = 1.2V/3.0A
Table 4. Bill of Materials
Part ID
Part Value
Manufacturer
Part Number
U1
3.0A Buck Regulator
TI
LM2833Z
C1, Input Cap
22µF, 6.3V, X5R
TDK
C3216X5R0J226M
C2, Output Cap
47µF, 6.3V, X5R
TDK
C3216X5R0J476M
C3, Bypass Cap
0.22µF, 10V, X7R
Murata
GRM216R71A224KC01D
D1, Catch Diode
Schottky, 0.33V at 3A, VR=30V
Toshiba
CMS01
L1
1.0µH, 4.0A
Taiyo Yuden
NP04SZB1R0N
R1
2.0k
Ω, 1%
Vishay
CRCW08052K00FKEA
R2
2.0k
Ω, 1%
Vishay
CRCW08052K00FKEA
R3
10
Ω, 1%
Vishay
CRCW080510R0FKEA
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com