Electronic Components Datasheet Search
  English  ▼

X  

ICL3221 Datasheet(PDF) 18 Page - Intersil Corporation

Part # ICL3221
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3221 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ICL3221 Datasheet HTML 14Page - Intersil Corporation ICL3221 Datasheet HTML 15Page - Intersil Corporation ICL3221 Datasheet HTML 16Page - Intersil Corporation ICL3221 Datasheet HTML 17Page - Intersil Corporation ICL3221 Datasheet HTML 18Page - Intersil Corporation ICL3221 Datasheet HTML 19Page - Intersil Corporation ICL3221 Datasheet HTML 20Page - Intersil Corporation ICL3221 Datasheet HTML 21Page - Intersil Corporation ICL3221 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
FN4805.21
March 1, 2006
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
Dual-In-Line Plastic Packages (PDIP)
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between English and
Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M
-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated in
JEDEC seating plane gauge GS
-3.
5. D, D1, and E1 dimensions do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.010 inch (0.25mm).
6. E and
are measured with the leads constrained to be perpendic-
ular to datum
.
7. eB and eC are measured at the lead tips with the leads unconstrained.
eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions. Dambar
protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3
may have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
eA
-C-
CL
E
eA
C
eB
eC
-B-
E1
INDEX
12 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C A
M
BS
E18.3 (JEDEC MS-001-BC ISSUE D)
18 LEAD DUAL-IN-LINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8, 10
C
0.008
0.014
0.204
0.355
-
D
0.845
0.880
21.47
22.35
5
D1
0.005
-
0.13
-5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N
18
18
9
Rev. 2 11/03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com