Electronic Components Datasheet Search
  English  ▼

X  

ICL3221 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL3221
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3221 Datasheet(HTML) 2 Page - Intersil Corporation

  ICL3221 Datasheet HTML 1Page - Intersil Corporation ICL3221 Datasheet HTML 2Page - Intersil Corporation ICL3221 Datasheet HTML 3Page - Intersil Corporation ICL3221 Datasheet HTML 4Page - Intersil Corporation ICL3221 Datasheet HTML 5Page - Intersil Corporation ICL3221 Datasheet HTML 6Page - Intersil Corporation ICL3221 Datasheet HTML 7Page - Intersil Corporation ICL3221 Datasheet HTML 8Page - Intersil Corporation ICL3221 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
FN4805.21
March 1, 2006
Ordering Information
PART NUMBER (NOTE 1)
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ICL3221CA
ICL3221CA
0 to 70
16 Ld SSOP
M16.209
ICL3221CAZ (Note 2)
ICL3221CAZ
0 to 70
16 Ld SSOP (Pb-free)
M16.209
ICL3221CV
ICL3221CV
0 to 70
16 Ld TSSOP
M16.173
ICL3221CVZ (Note 2)
3221CVZ
0 to 70
16 Ld TSSOP (Pb-free)
M16.173
ICL3221IA
ICL3221IA
-40 to 85
16 Ld SSOP
M16.209
ICL3221IAZ (Note 2)
ICL3221IAZ
-40 to 85
16 Ld SSOP (Pb-free)
M16.209
ICL3222CA
ICL3222CA
0 to 70
20 Ld SSOP
M20.209
ICL3222CAZ (Note 2)
ICL3222CAZ
0 to 70
20 Ld SSOP (Pb-free)
M20.209
ICL3222CB
ICL3222CB
0 to 70
18 Ld SOIC
M18.3
ICL3222CBZ (Note 2)
3222CBZ
0 to 70
18 Ld SOIC (Pb-free)
M18.3
ICL3222CP
ICL3222CP
0 to 70
18 Ld PDIP
E18.3
ICL3222CPZ (Note 2)
ICL3222CPZ
0 to 70
18 Ld PDIP* (Pb-free)
E18.3
ICL3222CV
ICL3222CV
0 to 70
20 Ld TSSOP
M20.173
ICL3222CVZ (Note 2)
ICL3222CVZ
0 to 70
20 Ld TSSOP (Pb-free)
M20.173
ICL3222IA
ICL3222IA
-40 to 85
20 Ld SSOP
M20.209
ICL3222IAZ (Note 2)
ICL3222IAZ
-40 to 85
20 Ld SSOP (Pb-free)
M20.209
ICL3222IB
ICL3222IB
-40 to 85
18 Ld SOIC
M18.3
ICL3222IV
ICL3222IV
-40 to 85
20 Ld TSSOP
M20.173
ICL3222IVZ (Note 2)
ICL3222IVZ
-40 to 85
20 Ld TSSOP (Pb-free)
M20.173
ICL3223CA
ICL3223CA
0 to 70
20 Ld SSOP
M20.209
ICL3223CAZ (Note 2)
ICL3223CAZ
0 to 70
20 Ld SSOP (Pb-free)
M20.209
ICL3223CP
ICL3223CP
0 to 70
20 Ld PDIP
E20.3
ICL3223CPZ (Note 2)
ICL3223CPZ
0 to 70
20 Ld PDIP* (Pb-free)
E20.3
ICL3223CV
ICL3223CV
0 to 70
20 Ld TSSOP
M20.173
ICL3223IA
ICL3223IA
-40 to 85
20 Ld SSOP
M20.209
ICL3223IAZ (Note 2)
ICL3223IAZ
-40 to 85
20 Ld SSOP (Pb-free)
M20.209
ICL3223IV
ICL3223IV
-40 to 85
20 Ld TSSOP
M20.173
ICL3223IVZ (Note 2)
ICL3223IVZ
-40 to 85
20 Ld TSSOP (Pb-free)
M20.173
ICL3232CA
ICL3232CA
0 to 70
16 Ld SSOP
M16.209
ICL3232CAZ (Note 2)
3232CAZ
0 to 70
16 Ld SSOP (Pb-free)
M16.209
ICL3232CB
ICL3232CB
0 to 70
16 Ld SOIC
M16.3
ICL3232CBZ (Note 2)
3232CBZ
0 to 70
16 Ld SOIC (Pb-free)
M16.3
ICL3232CBN
3232CBN
0 to 70
16 Ld SOIC (N)
M16.15
ICL3232CBNZ (Note 2)
3232CBNZ
0 to 70
16 Ld SOIC (N) (Pb-free)
M16.15
ICL3232CP
ICL3232CP
0 to 70
16 Ld PDIP
E16.3
ICL3232CPZ (Note 2)
ICL3232CPZ
0 to 70
16 Ld PDIP* (Pb-free)
E16.3
ICL3232CV
ICL3232CV
0 to 70
16 Ld TSSOP
M16.173
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com