Electronic Components Datasheet Search
  English  ▼

X  

ICL3221 Datasheet(PDF) 21 Page - Intersil Corporation

Part # ICL3221
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3221 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ICL3221 Datasheet HTML 17Page - Intersil Corporation ICL3221 Datasheet HTML 18Page - Intersil Corporation ICL3221 Datasheet HTML 19Page - Intersil Corporation ICL3221 Datasheet HTML 20Page - Intersil Corporation ICL3221 Datasheet HTML 21Page - Intersil Corporation ICL3221 Datasheet HTML 22Page - Intersil Corporation ICL3221 Datasheet HTML 23Page - Intersil Corporation ICL3221 Datasheet HTML 24Page - Intersil Corporation ICL3221 Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
FN4805.21
March 1, 2006
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
Small Outline Plastic Packages (SSOP)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.20mm (0.0078
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.20mm (0.0078 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “B” does not include dambar protrusion. Allowable dambar
protrusion shall be 0.13mm (0.005 inch) total in excess of “B” dimen-
sion at maximum material condition.
10. Controlling dimension: MILLIMETER. Converted inch dimensions are
not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
C
H
0.25(0.010)
B
M
M
α
0.25
0.010
GAUGE
PLANE
A2
M16.209 (JEDEC MO-150-AC ISSUE B)
16 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.078
-
2.00
-
A1
0.002
-
0.05
-
-
A2
0.065
0.072
1.65
1.85
-
B
0.009
0.014
0.22
0.38
9
C
0.004
0.009
0.09
0.25
-
D
0.233
0.255
5.90
6.50
3
E
0.197
0.220
5.00
5.60
4
e
0.026 BSC
0.65 BSC
-
H
0.292
0.322
7.40
8.20
-
L
0.022
0.037
0.55
0.95
6
N16
16
7
α
0°
8°
0°
8°
-
Rev. 3 6/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com