Electronic Components Datasheet Search
  English  ▼

X  

K3055 Datasheet(PDF) 4 Page - NEC

Part # K3055
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3055 Datasheet(HTML) 4 Page - NEC

  K3055 Datasheet HTML 1Page - NEC K3055 Datasheet HTML 2Page - NEC K3055 Datasheet HTML 3Page - NEC K3055 Datasheet HTML 4Page - NEC K3055 Datasheet HTML 5Page - NEC K3055 Datasheet HTML 6Page - NEC K3055 Datasheet HTML 7Page - NEC K3055 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D13094EJ1V0DS00
4
2SK3055
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
10
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
GATE TO SOURCE CUTOFF VOLTAGE vs.
CHANNEL TEMPERATURE
ID - Drain Current - A
25
0.1
10
10
0.01
0.1
1
100
1 000
1 m
10 m
100 m
1
10
100
1 000
VDS =10 V
Pulsed
0.1
1
10
100
10
100
25
75
20
Pulsed
50
75
100
1000
Pulsed
Single Pulse
0
0.5
VDS = 10 V
ID = 1 mA
1.0
1.5
2.0
−50
0
50
100
150
0
Rth(ch-A) = 62.5 ˚C/W
VGS = 10 V
0.1
1.0
50
VGS = 4.0 V
TC = 25˚C
10
100
Rth(ch-C) = 5.0 ˚C/W
Tch - Channel Temperature - ˚C
ID = 15 A
TA = 125˚C
75˚C
25˚C
−25˚C
µµ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com